Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9116 Datasheet(PDF) 1 Page - Enercon Technologies Europe AG

Part # 9116
Description  Military Managed 12 X 10G Copper Ports 10G F/O Ports
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

9116 Datasheet(HTML) 1 Page - Enercon Technologies Europe AG

  9116 Datasheet HTML 1Page - Enercon Technologies Europe AG 9116 Datasheet HTML 2Page - Enercon Technologies Europe AG 9116 Datasheet HTML 3Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Techaya
Networking
Products
September, 2021 | rev. B
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
1
Driven by rapid advancement and lower costs, Ethernet is
becomingthestandardforIP-basedcomponentsinawide
range of military and commercial applications, including:
• Armored ground vehicles
• Land autonomous vehicles (UGVs)
• Robots
• Mobile equipment fielded in harsh environments
Modernplatformscontaindozensofnetworkdevicesthat
must be interconnected. The MILTECH 9116 is an ideal
solutionformobileEthernet-equippedplatforms.Withthe
best combination of size, weight, power in the industry, it
savesvaluablerealestateforcomputers,sensors,targeting
systems, and other devices that make mobile platforms
highly effective.
The MILTECH 9116 is fully managed military grade
network switch/router offering 12 x 10G copper ports
+ 4 x 10G fiber ports using TacBeam connectors. It can
MILTECH™ 9116
Military Managed 12 X 10G Copper Ports + 10G F/O Ports
be remotely managed to optimize communications and
prioritize critical information traffic. Advanced network
features, never before found in a package of this size,
include switching protocols, virtual LANS (VLANS),
traffic prioritization (QoS), and bandwidth aggregation
are standard.
TheMILTECH9116’s10gigabitspeedsand24VDCpower
make it instantly compatible with network device and
power systems.
The MILTECH 9116’s is widely used in battlefield
communications C4ISR, video, sensor data acquisition,
andtransmission.Itsmechanicalpackagingenhancements,
including ruggedized D38999 connectors, is designed
for MIL-STD-810F airborne and ground environmental
compliance and high reliability. Leveraging best-in-class
switching technology, the MILTECH 9116 serves as a
robustcommercialoff-the-shelf(COTS)solutionforrugged
LAN connectivity.
FEATURES
•
Managed 12 x 10G copper ports + 4 x 10G fiber ports
ETHERNET PORTS:
•
Wire-speed hardware-based 10 Gigabit Ethernet switch – L2, L3, L4
Capabilities
•
L3-Routing capabilities:static,RIPV1,V2,OSPF V2/V3 Multicast Routing,
BGP4*,VRRP,ECMP Routing
•
Multicasting (IGMP Snooping), GARP, GMRP, MLD and GVRP up to 8K
groups for both IPv4 and IPv6
•
Broadcasting and flooding Control up to 8K Groups
•
802.1q Tagged based VLAN up to 4K VLAN groups
•
Bridge Support for VLAN Q-in-Q , manual tunneling
•
Link Aggregation 802.3ad, up to 16 members in group
•
Link Aggregation mechanism based on L2/ L3/
L4 parameters
•
Jumbo Frame support up to 10K
•
WEB, CLI, Telnet , SNMP V2/V3 management
NETWORKING:
•
QoS Multi-Layer Classifier: 802.1p, EtherType,
VLAN-ID, IPv4/6 DSCP/ToS, and UDP/TCP ports & ranges traffic
classification.
•
Per port WFQ and Strict Queuing scheduling
•
DSCP remarking for both IPv4 and IPv6 frames
•
Ingress policer and ingress shaper per port with 500Kbps granularity
•
Egress shaper per port with 500Kbps granularity
•
Full-duplex flow control (IEEE802.3X) and half-duplex backpressure,
symmetric and asymmetric
NETWORKING:
Quality of Service:
PRODUCT DESCRIPTION


Similar Part No. - 9116

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9116 ETC1-9116 Datasheet
127Kb / 1P
SHIELDED ADJUSTABLE RF COILS
9116 ETC2-9116 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
9116 ETC2-9116 Datasheet
732Kb / 5P
Multi-ranging operation (output up to max power rating within maximum voltage and
logo
B&K Precision Corporati...
9116 BK-9116 Datasheet
742Kb / 5P
Multi-Range Programmable DC Power Supplies
logo
Heyco.
9116 HEYCO-9116 Datasheet
117Kb / 1P
Releasable Type T Rivets
More results

Similar Description - 9116

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NCS2-IXM407 ETC2-NCS2-IXM407 Datasheet
696Kb / 4P
4 ports 10G SFP NIC Module with Intel짰 XL710 Ethernet Controller
HES10GM-8E ETC2-HES10GM-8E Datasheet
479Kb / 3P
10G-port full Gigabit Managed Ethernet switches
S3-24P ETC2-S3-24P Datasheet
761Kb / 7P
Layer 3 Switch with 24 Ports PoE/12 Ports PoE and 10G Uplinks
logo
Lanner All Rights Reser...
NCS2-IXM407 LANNER-NCS2-IXM407 Datasheet
696Kb / 4P
4 ports 10G SFP NIC Module with Intel짰 XL710 Ethernet Controller
logo
Schneider Electric
TCSESB083F23F0 SCHNEIDER-TCSESB083F23F0 Datasheet
104Kb / 3P
Ethernet TCP/IP basic managed switch - ConneXium - 8 ports for copper
Aug 11, 2019
MCSESM043F23F0 SCHNEIDER-MCSESM043F23F0 Datasheet
100Kb / 4P
Modicon Managed Switch - 4 ports for copper
Oct 30, 2020
TCSESL043F23F0 SCHNEIDER-TCSESL043F23F0 Datasheet
67Kb / 2P
ConneXium Lite Managed Switch - 4 ports for copper
Jul 21, 2021
TCSESM083F23F0 SCHNEIDER-TCSESM083F23F0 Datasheet
115Kb / 3P
Ethernet TCP/IP managed switch - ConneXium - 8 ports for copper
Aug 11, 2019
logo
Advantech Co., Ltd.
EKI-7454G-6X ADVANTECH-EKI-7454G-6X Datasheet
319Kb / 2P
48GE6 10G SFP L2 Managed Switch
22-Jun-2021
EKI-9516 ADVANTECH-EKI-9516 Datasheet
551Kb / 2P
EN 50155 16-Port Managed Ethernet Switch with up to 12 x PoE Ports
28-Oct-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com