Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9116 Datasheet(PDF) 3 Page - Enercon Technologies Europe AG

Part # 9116
Description  Military Managed 12 X 10G Copper Ports 10G F/O Ports
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

9116 Datasheet(HTML) 3 Page - Enercon Technologies Europe AG

  9116 Datasheet HTML 1Page - Enercon Technologies Europe AG 9116 Datasheet HTML 2Page - Enercon Technologies Europe AG 9116 Datasheet HTML 3Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Techaya
Networking
Products
September, 2021 | rev. B
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
3
MILTECH™ 9116
Military Managed 12 X 10G Copper Ports + 10G F/O Ports
SPECIFICATIONS
•
MILSTD-810F/G
•
Random vibration (514.5I), Bench Handling (516.6VI), High Temp.(501.5I,II), Low Temp.(502.5I), Humidity
(507.5II), Air Pressure (500.5I,II)
•
Blowing Rain (506.5I), Immersion (512.5I), Salt Atmosphere (509.5I), Blowing Dust (510.5I), Loose Cargo
Vibration (514.6II), Wind Analysis
ENVINRONMENTAL:
•
Dimensions: 426mm(L) x 204mm(W) x 70mm(H), not including connectors. Weight: 4kg
•
Dimensions: 16.77”(L) x 8.03’’(W) x 2.75”(H)
PHYSICAL:
•
8 x 4.5mm mounting holes
INSTALLATION:
•
No Moving Parts. Passive Cooling.
COOLING:
•
-45ºC to +75ºC (-49ºF to +167ºF) Cold Start-Up
OPERATING TEMP:
•
-45ºC to +85ºC (-49ºF to +185ºF)
STORAGE TEMP:
B
A
C
394.0
61.0
49.0
49.0
58.0
55.0
55.0
204.5
32.0
C.O.G
89.9
C.O.G
426.0
(x4) 412.0
204.5
(x8) 4.5
C.O.G
J4, J5, J6 - LAN.
10-646402-643N
OCTONET CONTACTS PCB
Shell Size 19
AMPHENOL (WITH DUST CAPS)
J2, J3 - FIBER OPTIC
EB4H8000-3443 (TACBeam)
AMPHENOL (WITH DUST CAPS)
NAME PLATE
LEXAN
J1 - POWER
24WC04PN
D38999 Shell Size 13
AMPHENOL (WITH DUST CAPS)
GROUNDING (#8-32)
NOTES:
1. MATERIAL: AL6061-T651 PER AMS QQ-250/11.
2. DIMENSIONS:
2.1 THE SOLID MODEL FILE MAY BE USED FOR DEFINITIONS OR DIMENSIONS WHICH AREN'T SPECIFIED ON THE DRAWING.
ALL NOTES AND DIMENSIONAL REQUIREMENTS SPECIFIED ON THE DRAWING ARE OBLIGATORY.
2.2 ALL DIMENSIONS AFTER PLATING.
2.3 ALL CRITICAL DIMENSION SHOWN IN THE DRAWING AND MARKED BY
CR DIM IN RED.
3. FINISH:
3.1 CHEMICAL CONVERSION COATING (YELLOW) PER MIL-C-5541F, CLASS 1A (RoHs COMPLIED).
3.2 MASK INDICATED AREAS, HOLES & THREADS.
3.3 PAINTING ON EXTERNAL SURFACES ONLY.
3.4 PRIMER EPOXY COATING PER MIL-DTL-53022E, TYPE II, THICKNESS OF 1 LAYER OF 25-30mkm.
3.5 TOP COATING POLYURETHANE PER MIL-C-83286B, TYPE II, CLASS H, THICKNESS OF 2 LAYERS OF 45-60 mkm.
COLOR PER ORDER.
4. MARKING:
4.1 SIZE AND POSITION IN ACCORDANCE WITH THIS DRAWING AND CAD FILE.
4.2 FONT TAHOMA, REGULAR, CAPITAL LETTERS.
4.3 P.N. AND REV. - ENGRAVE CHARACTERS (OR BY STAMPING WITH BLACK, OR BY LASER ETCHING),
HEIGHT=3mm, DEPTH 0.6±0.1mm.
5. APPROX WEIGHT- ??? Gr.
REVISIONS
REV.
ECO
DESCRIPTION
DATE
APPROVED
1.00
EC20000046
RTP
05/03/2020
DROR S.
TECHAYA LTD.
WWW.TECHAYA.COM
TEL: +972-4-6377741
FAX:+972-4-6377761
P.O.B. 1500 PARDES HANNA,
37100, ISRAEL
MILTECH 9116
1.00
D
E
F
A3
SHEET 1 OF 1
SCALE: 1:2.5
DWG NO.
TITLE:
DWG REV.
1-9116-000
PART NO:
PROJECT:
WEIGHT:
[g]
DSGN'D
SEE NOTES
UDI
EINAM
SEE NOTES
DROR S.
DRAWN
CHK'D
APPV'D
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN MILLIMETERS
FINISH:
NAME
SIGNATURE
DATE
MATERIAL:
DO NOT SCALE DRAWING
FILE NAME: D:\techaya\9116\MODEL\1-9116-000
05/03/2020
TOLERANCES (PER ISO 2768 (DIN7168),
UNLESSS OTHERWISE SPECIFIED):
- LINEAR DIMENSIONS: CLASS F
- ANGULAR DIMENSIONS: CLASS M
- GEOMETRICAL TOLERANCES: CLASS K
- HOLES & OPENINGS DIMENSIONS: H11
- SHAFTS & EXTERNAL DIMENSIONS: h11
DEBURR & SHARP EDGES 0.2X45
NOMINAL DIMENSIONS AND
GEOMETRY ARE ACCORDING
TO MODEL FILE.
THIS DOCUMENT SHALL NOT
BE REPRODUCED, NOR
SHALL THE INFORMATION
CONTAINED HEREIN BE
USED BY OR DISCLOSED TO
OTHERS EXCEPT AS
EXPRESSLY AUTHORIZED IN
WRITING BY TECHAYA LTD.
SURFACE
ROUGHNESS:
5
6
7
8
LAST UPDATE: 6/29/2020
PRINTED ON: 6/29/2020
B
A
8
7
6
4
C
5
1
2
3
A
B
4
3
2
1
C
F
E
D
DROR S.
16 Ports 10G managed switch
1-9116-000
05/03/2020
05/03/2020
05/03/2020
394.0
61.0
49.0
49.0
58.0
55.0
55.0
204.5
32.0
C.O.G
89.9
C.O.G
426.0
(x4) 412.0
204.5
(x8) 4.5
C.O.G
J4, J5, J6 - LAN.
10-646402-643N
OCTONET CONTACTS PCB
Shell Size 19
AMPHENOL (WITH DUST CAPS)
J2, J3 - FIBER OPTIC
EB4H8000-3443 (TACBeam)
AMPHENOL (WITH DUST CAPS)
NAME PLATE
LEXAN
J1 - POWER
24WC04PN
D38999 Shell Size 13
AMPHENOL (WITH DUST CAPS)
GROUNDING (#8-32)
NOTES:
1. MATERIAL: AL6061-T651 PER AMS QQ-250/11.
2. DIMENSIONS:
2.1 THE SOLID MODEL FILE MAY BE USED FOR DEFINITIONS OR DIMENSIONS WHICH AREN'T SPECIFIED ON THE DRAWING.
ALL NOTES AND DIMENSIONAL REQUIREMENTS SPECIFIED ON THE DRAWING ARE OBLIGATORY.
2.2 ALL DIMENSIONS AFTER PLATING.
2.3 ALL CRITICAL DIMENSION SHOWN IN THE DRAWING AND MARKED BY
CR DIM IN RED.
3. FINISH:
3.1 CHEMICAL CONVERSION COATING (YELLOW) PER MIL-C-5541F, CLASS 1A (RoHs COMPLIED).
3.2 MASK INDICATED AREAS, HOLES & THREADS.
3.3 PAINTING ON EXTERNAL SURFACES ONLY.
3.4 PRIMER EPOXY COATING PER MIL-DTL-53022E, TYPE II, THICKNESS OF 1 LAYER OF 25-30mkm.
3.5 TOP COATING POLYURETHANE PER MIL-C-83286B, TYPE II, CLASS H, THICKNESS OF 2 LAYERS OF 45-60 mkm.
COLOR PER ORDER.
4. MARKING:
4.1 SIZE AND POSITION IN ACCORDANCE WITH THIS DRAWING AND CAD FILE.
4.2 FONT TAHOMA, REGULAR, CAPITAL LETTERS.
4.3 P.N. AND REV. - ENGRAVE CHARACTERS (OR BY STAMPING WITH BLACK, OR BY LASER ETCHING),
HEIGHT=3mm, DEPTH 0.6±0.1mm.
5. APPROX WEIGHT- ??? Gr.
REVISIONS
REV.
ECO
DESCRIPTION
DATE
APPROVED
1.00
EC20000046
RTP
05/03/2020
DROR S.
TECHAYA LTD.
WWW.TECHAYA.COM
TEL: +972-4-6377741
FAX:+972-4-6377761
P.O.B. 1500 PARDES HANNA,
37100, ISRAEL
MILTECH 9116
1.00
D
E
F
A3
SHEET 1 OF 1
SCALE: 1:2.5
DWG NO.
TITLE:
DWG REV.
1-9116-000
PART NO:
PROJECT:
WEIGHT:
[g]
DSGN'D
SEE NOTES
UDI
EINAM
SEE NOTES
DROR S.
DRAWN
CHK'D
APPV'D
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN MILLIMETERS
FINISH:
NAME
SIGNATURE
DATE
MATERIAL:
DO NOT SCALE DRAWING
FILE NAME: D:\techaya\9116\MODEL\1-9116-000
05/03/2020
TOLERANCES (PER ISO 2768 (DIN7168),
UNLESSS OTHERWISE SPECIFIED):
- LINEAR DIMENSIONS: CLASS F
- ANGULAR DIMENSIONS: CLASS M
- GEOMETRICAL TOLERANCES: CLASS K
- HOLES & OPENINGS DIMENSIONS: H11
- SHAFTS & EXTERNAL DIMENSIONS: h11
DEBURR & SHARP EDGES 0.2X45
NOMINAL DIMENSIONS AND
GEOMETRY ARE ACCORDING
TO MODEL FILE.
THIS DOCUMENT SHALL NOT
BE REPRODUCED, NOR
SHALL THE INFORMATION
CONTAINED HEREIN BE
USED BY OR DISCLOSED TO
OTHERS EXCEPT AS
EXPRESSLY AUTHORIZED IN
WRITING BY TECHAYA LTD.
SURFACE
ROUGHNESS:
5
6
7
8
LAST UPDATE: 6/29/2020
PRINTED ON: 6/29/2020
B
A
8
7
6
4
C
5
1
2
3
A
B
4
3
2
1
C
F
E
D
DROR S.
16 Ports 10G managed switch
1-9116-000
05/03/2020
05/03/2020
05/03/2020
394.0
61.0
49.0
49.0
58.0
55.0
55.0
204.5
32.0
C.O.G
89.9
C.O.G
426.0
(x4) 412.0
204.5
(x8) 4.5
C.O.G
J4, J5, J6 - LAN.
10-646402-643N
OCTONET CONTACTS PCB
Shell Size 19
AMPHENOL (WITH DUST CAPS)
J2, J3 - FIBER OPTIC
EB4H8000-3443 (TACBeam)
AMPHENOL (WITH DUST CAPS)
NAME PLATE
LEXAN
J1 - POWER
24WC04PN
D38999 Shell Size 13
AMPHENOL (WITH DUST CAPS)
GROUNDING (#8-32)
NOTES:
1. MATERIAL: AL6061-T651 PER AMS QQ-250/11.
2. DIMENSIONS:
2.1 THE SOLID MODEL FILE MAY BE USED FOR DEFINITIONS OR DIMENSIONS WHICH AREN'T SPECIFIED ON THE DRAWING.
ALL NOTES AND DIMENSIONAL REQUIREMENTS SPECIFIED ON THE DRAWING ARE OBLIGATORY.
2.2 ALL DIMENSIONS AFTER PLATING.
2.3 ALL CRITICAL DIMENSION SHOWN IN THE DRAWING AND MARKED BY
CR DIM IN RED.
3. FINISH:
3.1 CHEMICAL CONVERSION COATING (YELLOW) PER MIL-C-5541F, CLASS 1A (RoHs COMPLIED).
3.2 MASK INDICATED AREAS, HOLES & THREADS.
3.3 PAINTING ON EXTERNAL SURFACES ONLY.
3.4 PRIMER EPOXY COATING PER MIL-DTL-53022E, TYPE II, THICKNESS OF 1 LAYER OF 25-30mkm.
3.5 TOP COATING POLYURETHANE PER MIL-C-83286B, TYPE II, CLASS H, THICKNESS OF 2 LAYERS OF 45-60 mkm.
COLOR PER ORDER.
4. MARKING:
4.1 SIZE AND POSITION IN ACCORDANCE WITH THIS DRAWING AND CAD FILE.
4.2 FONT TAHOMA, REGULAR, CAPITAL LETTERS.
4.3 P.N. AND REV. - ENGRAVE CHARACTERS (OR BY STAMPING WITH BLACK, OR BY LASER ETCHING),
HEIGHT=3mm, DEPTH 0.6±0.1mm.
5. APPROX WEIGHT- ??? Gr.
REVISIONS
REV.
ECO
DESCRIPTION
DATE
APPROVED
1.00
EC20000046
RTP
05/03/2020
DROR S.
TECHAYA LTD.
WWW.TECHAYA.COM
TEL: +972-4-6377741
FAX:+972-4-6377761
P.O.B. 1500 PARDES HANNA,
37100, ISRAEL
MILTECH 9116
1.00
D
E
F
A3
SHEET 1 OF 1
SCALE: 1:2.5
DWG NO.
TITLE:
DWG REV.
1-9116-000
PART NO:
PROJECT:
WEIGHT:
[g]
DSGN'D
SEE NOTES
UDI
EINAM
SEE NOTES
DROR S.
DRAWN
CHK'D
APPV'D
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN MILLIMETERS
FINISH:
NAME
SIGNATURE
DATE
MATERIAL:
DO NOT SCALE DRAWING
FILE NAME: D:\techaya\9116\MODEL\1-9116-000
05/03/2020
TOLERANCES (PER ISO 2768 (DIN7168),
UNLESSS OTHERWISE SPECIFIED):
- LINEAR DIMENSIONS: CLASS F
- ANGULAR DIMENSIONS: CLASS M
- GEOMETRICAL TOLERANCES: CLASS K
- HOLES & OPENINGS DIMENSIONS: H11
- SHAFTS & EXTERNAL DIMENSIONS: h11
DEBURR & SHARP EDGES 0.2X45
NOMINAL DIMENSIONS AND
GEOMETRY ARE ACCORDING
TO MODEL FILE.
THIS DOCUMENT SHALL NOT
BE REPRODUCED, NOR
SHALL THE INFORMATION
CONTAINED HEREIN BE
USED BY OR DISCLOSED TO
OTHERS EXCEPT AS
EXPRESSLY AUTHORIZED IN
WRITING BY TECHAYA LTD.
SURFACE
ROUGHNESS:
5
6
7
8
LAST UPDATE: 6/29/2020
PRINTED ON: 6/29/2020
B
A
8
7
6
4
C
5
1
2
3
A
B
4
3
2
1
C
F
E
D
DROR S.
16 Ports 10G managed switch
1-9116-000
05/03/2020
05/03/2020
05/03/2020
ORDERING INFORMATION
DESCRIPTION
PART NUMBER
•
Managed Military Grade 10GbE switch/router, 12 x 10G TX + 4 x 10G Singlemode Fiber
1-9116-000
•
Managed Military Grade 10GbE switch/router, 12 x 10G TX + 4 x 10G Multimode Fiber
1-9116-010
•
Managed Military Grade 10GbE switch/router, 12 x 10G TX + 2 x 10G Singlemode Fiber
1-9116-001
•
Managed Military Grade 10GbE switch/router, 12 x 10G TX + 2 x 10G Multimode Fiber
1-9116-011
•
Managed Military Grade 10GbE switch/router, 12 x 10G TX
1-9116-002
•
Managed Military Grade 10GbE switch/router, 12 x 10G TX + 2 x 10G Multimode Fiber + 2 x 10G Singlemode Fiber
1-9116-003
•
Power Harness for MILTECH9022/9024/9028/9116
2-CBL9028PWR
•
LAN & Management harness for MILTECH9116
2-CBL9116LAN+



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com