Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCTWA35N65G2V4AG Datasheet (PDF) - Inchange Semiconductor Company Limited

SCTWA35N65G2V4AG Datasheet PDF - Inchange Semiconductor Company Limited
Part # SCTWA35N65G2V4AG
Download  SCTWA35N65G2V4AG Download
File Size   375.0 Kbytes
Page   4 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description SiC N-Channel MOSFET

SCTWA35N65G2V4AG Datasheet (PDF)

Go To PDF Page Download Datasheet
SCTWA35N65G2V4AG Datasheet PDF - Inchange Semiconductor Company Limited

Part # SCTWA35N65G2V4AG
Download  SCTWA35N65G2V4AG Click to download

File Size   375.0 Kbytes
Page   4 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description SiC N-Channel MOSFET

SCTWA35N65G2V4AG Datasheet (HTML) - Inchange Semiconductor Company Limited


SCTWA35N65G2V4AG Product details

FEATURES
·High Blocking Voltage with Low On-Resistance
·RDS(ON)= 45mΩ(TYP.)@VGS= 20V TJ=25℃
·High Speed Switching with Low Capacitance
APPLICATIONS
·Main Inverters
·DC/DC converter for EV/HEV
·On board charger




Similar Part No. - SCTWA35N65G2V4AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SCTWA35N65G2V STMICROELECTRONICS-SCTWA35N65G2V Datasheet
479Kb / 12P
Silicon carbide Power MOSFET 650 V, 55 mΩ typ., 45 A in an HiP247 long leads package
09-Oct-2024
SCTWA35N65G2V-4 STMICROELECTRONICS-SCTWA35N65G2V-4 Datasheet
195Kb / 12P
Silicon carbide Power MOSFET 650 V, 55 mΩ typ., 45 A in an HiP247-4 package
02-Dec-2020
SCTWA35N65G2VAG STMICROELECTRONICS-SCTWA35N65G2VAG Datasheet
243Kb / 12P
Automotive-grade silicon carbide Power MOSFET 650 V, 45 A, 55 mΩ (typ., TJ = 25 °C) in an HiP247 long leads package
11-Aug-2020
More results


Similar Description - SCTWA35N65G2V4AG

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCF8001 ISC-ISCF8001 Datasheet
751Kb / 5P
SiC N-Channel MOSFET
2023-8-18
GA50JT12 ISC-GA50JT12 Datasheet
375Kb / 3P
SiC N-Channel MOSFET
2023-9-26
ISF1017 ISC-ISF1017 Datasheet
786Kb / 7P
SiC N-Channel MOSFET
ISCF8011 ISC-ISCF8011 Datasheet
874Kb / 8P
SiC N-Channel MOSFET
C3M0065100J ISC-C3M0065100J Datasheet
399Kb / 4P
SiC N-Channel MOSFET
SCT070W120G3AG ISC-SCT070W120G3AG Datasheet
1,021Kb / 7P
SiC N-Channel MOSFET
SCT20N170AG ISC-SCT20N170AG Datasheet
357Kb / 2P
SiC N-Channel MOSFET
C3M0075120K ISC-C3M0075120K Datasheet
374Kb / 4P
SiC N-Channel MOSFET
G3R450MT17D ISC-G3R450MT17D Datasheet
390Kb / 3P
SiC N-Channel MOSFET
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com