Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1674A Datasheet (PDF) - Belden Inc.

1674A Datasheet PDF - Belden Inc.
Part # 1674A
Download  1674A Download
File Size   166.84 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Conformable® Coax, 50 Ohm Microwave, #29, SPCCS, Unjacketed

1674A Datasheet (PDF)

Go To PDF Page Download Datasheet
1674A Datasheet PDF - Belden Inc.

Part # 1674A
Download  1674A Click to download

File Size   166.84 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Conformable® Coax, 50 Ohm Microwave, #29, SPCCS, Unjacketed

1674A Datasheet (HTML) - Belden Inc.


1674A Product details

Product Description
M17/151 type, 29 AWG solid .011" silver-plated copper-covered steel conductor, TFE Teflon® insulation, copper-tin composite shield (100% coverage),
unjacketed.




Similar Part No. - 1674A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1674ATIN100 ETC2-1674ATIN100 Datasheet
105Kb / 4P
Coax - 50 Ohm Microwave Cable
More results


Similar Description - 1674A

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
C34-5027 AMPHENOL-C34-5027 Datasheet
304Kb / 1P
50 OHM HD-BNC STR PLUG FOR 0.047" CONFORMABLE CABLE
logo
List of Unclassifed Man...
50CX-41 ETC2-50CX-41 Datasheet
67Kb / 1P
30 AWG, 50 Ohm Coax
50CX-42 ETC2-50CX-42 Datasheet
67Kb / 1P
26 AWG, 50 Ohm Coax
1674ATIN100 ETC2-1674ATIN100 Datasheet
105Kb / 4P
Coax - 50 Ohm Microwave Cable
83242 ETC2-83242 Datasheet
104Kb / 4P
Coax - 50 Ohm Coax
8262 ETC2-8262 Datasheet
103Kb / 4P
Coax - 50 Ohm Coax
GP-1500 ETC2-GP-1500 Datasheet
395Kb / 2P
Conformable, low hardness
logo
Belden Inc.
7810A BELDEN-7810A Datasheet
233Kb / 2P
50 Ohm Wireless Transmission Coax, RF 400, RG8
8216 BELDEN-8216 Datasheet
229Kb / 2P
50 Ohm Wireless Transmission Coax, RG-174
9913 BELDEN-9913 Datasheet
237Kb / 2P
50 Ohm Wireless Transmission Coax, RG-8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com