Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83242 Datasheet (PDF) - List of Unclassifed Manufacturers

83242 Datasheet PDF - List of Unclassifed Manufacturers
Part # 83242
Download  83242 Download
File Size   104.78 Kbytes
Page   4 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Coax - 50 Ohm Coax

83242 Datasheet (PDF)

Go To PDF Page Download Datasheet
83242 Datasheet PDF - List of Unclassifed Manufacturers

Part # 83242
Download  83242 Click to download

File Size   104.78 Kbytes
Page   4 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Coax - 50 Ohm Coax

83242 Datasheet (HTML) - List of Unclassifed Manufacturers




Similar Part No. - 83242

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
83242 BELDEN-83242 Datasheet
143Kb / 2P
Mil-Spec Coax, 50 Ohm, RG-142, 19 AWG Solid SCCS, Double 95% SC Braid, FEP Jkt, CMP, Commercial Non-QPL
11-27-2023
83242-001100 BELDEN-83242-001100 Datasheet
143Kb / 2P
Mil-Spec Coax, 50 Ohm, RG-142, 19 AWG Solid SCCS, Double 95% SC Braid, FEP Jkt, CMP, Commercial Non-QPL
11-27-2023
83242-0011000 BELDEN-83242-0011000 Datasheet
143Kb / 2P
Mil-Spec Coax, 50 Ohm, RG-142, 19 AWG Solid SCCS, Double 95% SC Braid, FEP Jkt, CMP, Commercial Non-QPL
11-27-2023
83242-001500 BELDEN-83242-001500 Datasheet
143Kb / 2P
Mil-Spec Coax, 50 Ohm, RG-142, 19 AWG Solid SCCS, Double 95% SC Braid, FEP Jkt, CMP, Commercial Non-QPL
11-27-2023
logo
Ulti-Mate Connector Inc
832420217 ULTI-MATE-832420217 Datasheet
85Kb / 1P
NANO-D DUAL ROW CONNECTOR FEMALE, SIZE XX, CNM28LXX-2S071
03-09-10
More results


Similar Description - 83242

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
50CX-41 ETC2-50CX-41 Datasheet
67Kb / 1P
30 AWG, 50 Ohm Coax
50CX-42 ETC2-50CX-42 Datasheet
67Kb / 1P
26 AWG, 50 Ohm Coax
1674ATIN100 ETC2-1674ATIN100 Datasheet
105Kb / 4P
Coax - 50 Ohm Microwave Cable
8262 ETC2-8262 Datasheet
103Kb / 4P
Coax - 50 Ohm Coax
logo
ERNI Electronics
053307 ERNI-053307 Datasheet
45Kb / 1P
COAX-PLUG 75 OHM
064428 ERNI-064428 Datasheet
66Kb / 1P
COAX-PLUG 75 OHM
logo
List of Unclassifed Man...
8241F ETC2-8241F Datasheet
102Kb / 3P
75 Ohm Coax
logo
Belden Inc.
7810A BELDEN-7810A Datasheet
233Kb / 2P
50 Ohm Wireless Transmission Coax, RF 400, RG8
8216 BELDEN-8216 Datasheet
229Kb / 2P
50 Ohm Wireless Transmission Coax, RG-174
9913 BELDEN-9913 Datasheet
237Kb / 2P
50 Ohm Wireless Transmission Coax, RG-8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com