Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83242 Datasheet (PDF) - Belden Inc.

83242 Datasheet PDF - Belden Inc.
Part # 83242
Download  83242 Download
File Size   143.12 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Mil-Spec Coax, 50 Ohm, RG-142, 19 AWG Solid SCCS, Double 95% SC Braid, FEP Jkt, CMP, Commercial Non-QPL

83242 Datasheet (PDF)

Go To PDF Page Download Datasheet
83242 Datasheet PDF - Belden Inc.

Part # 83242
Download  83242 Click to download

File Size   143.12 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Mil-Spec Coax, 50 Ohm, RG-142, 19 AWG Solid SCCS, Double 95% SC Braid, FEP Jkt, CMP, Commercial Non-QPL

83242 Datasheet (HTML) - Belden Inc.


83242 Product details

Product Description
Mil-Spec Coax, 50 Ohm, RG-142, 19 AWG Solid Silvered Copper Covered Steel Conductor, PTFE Insulation, Double 95% Silvered Copper Braid Shield, FEP
Jacket, CMP, Commercial, non-QPL




Similar Part No. - 83242

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
83242 ETC2-83242 Datasheet
104Kb / 4P
Coax - 50 Ohm Coax
logo
Ulti-Mate Connector Inc
832420217 ULTI-MATE-832420217 Datasheet
85Kb / 1P
NANO-D DUAL ROW CONNECTOR FEMALE, SIZE XX, CNM28LXX-2S071
03-09-10
832421117 ULTI-MATE-832421117 Datasheet
64Kb / 1P
NANO-D DUAL ROW CONNECTOR FEMALE, SIZE XX, CNMJ38LXX-2S071-S01
03-09-10
832421217 ULTI-MATE-832421217 Datasheet
80Kb / 1P
NANO-D, DUAL ROW CONNECTOR FEMALE, SIZE XX, CNM28LXX-2S071-S01
03/09/2010
832421227 ULTI-MATE-832421227 Datasheet
65Kb / 1P
NANO-D DUAL ROW CONNECTOR FEMALE, SIZE XX, CNM28LXX-2S072-S01
01-21-16
More results


Similar Description - 83242

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1506A BELDEN-1506A Datasheet
244Kb / 4P
Serial Digital Coax, RG59, 20 AWG Solid BC, Duofoil짰 95% TC Braid, CMP
1695A BELDEN-1695A Datasheet
246Kb / 4P
Serial Digital Coax, RG6, #18 Solid BC, Foil 95% TC braid, CMP
1855P BELDEN-1855P Datasheet
241Kb / 3P
Serial Digital Coax, Sub-miniature, #23 Solid BC, Foil 95% TC braid, CMP
7732A BELDEN-7732A Datasheet
240Kb / 3P
Serial Digital Coax, RG11, #14 Solid BC, Foil 95% TC braid, CMP
1505F BELDEN-1505F Datasheet
243Kb / 2P
75 Ohm SDI Coax, RG-59, 22 AWG Str BC, Double 95% TC Braid
8241 BELDEN-8241 Datasheet
235Kb / 2P
75 Ohm Analog Video Coax, RG-59, 23 AWG Solid BCCS, 95% BC Braid, PVC Jkt, CM
8219 BELDEN-8219 Datasheet
229Kb / 2P
50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Str TC, 95% TC Braid, PVC Jkt, CM
1269A BELDEN-1269A Datasheet
153Kb / 2P
POS Cable, #22-2pr, TC, FEP, O/A Foil90% TC Braid, FEP Jkt, CMP
01-20-2023
7733A BELDEN-7733A Datasheet
145Kb / 2P
50 Ohm Wireless Transmission Coax, RG-8, 10 AWG Solid BC, Foil 90% TC Braid, PVDF Jkt, CMP, Low Loss
04-14-2023
7808A BELDEN-7808A Datasheet
241Kb / 3P
50 Ohm Wireless Transmission Coax, RF 240, RG58X, 15 AWG Solid BC, Foil 95% TC Braid, PE Jkt
12-15-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com