Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8218 Datasheet (PDF) - Belden Inc.

8218 Datasheet PDF - Belden Inc.
Part # 8218
Download  8218 Download
File Size   155.95 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Analog Video, #27 Str BCCS, 95% TC Braid, PVC Jacket

8218 Datasheet (PDF)

Go To PDF Page Download Datasheet
8218 Datasheet PDF - Belden Inc.

Part # 8218
Download  8218 Click to download

File Size   155.95 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Analog Video, #27 Str BCCS, 95% TC Braid, PVC Jacket

8218 Datasheet (HTML) - Belden Inc.


8218 Product details

Product Description
27 AWG stranded (7x35) .017" bare copper-covered steel conductor, polyethylene insulation, tinned copper braid shield (95% coverage), PVC jacket.




Similar Part No. - 8218

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
8218060 FIBOX-8218060 Datasheet
46Kb / 1P
Mounting Plate, for enclosures
26.07.2023
logo
TE Connectivity Ltd
82181 TEC-82181 Datasheet
2Mb / 6P
Innovative Solutions for Elevators and Escalators
03/2014
logo
Festo Corporation.
8218182 FESTO-8218182 Datasheet
82Kb / 2P
Guided drive
8218183 FESTO-8218183 Datasheet
82Kb / 2P
Guided drive
8218184 FESTO-8218184 Datasheet
82Kb / 2P
Guided drive
More results


Similar Description - 8218

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1505F BELDEN-1505F Datasheet
243Kb / 2P
75 Ohm SDI Coax, RG-59, 22 AWG Str BC, Double 95% TC Braid
8241 BELDEN-8241 Datasheet
235Kb / 2P
75 Ohm Analog Video Coax, RG-59, 23 AWG Solid BCCS, 95% BC Braid, PVC Jkt, CM
8219 BELDEN-8219 Datasheet
229Kb / 2P
50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Str TC, 95% TC Braid, PVC Jkt, CM
8750 BELDEN-8750 Datasheet
159Kb / 2P
Electronic, 27 Pr #22 Str TC, PVC Ins, PVC Jkt, CMG
05-05-2023
1800F BELDEN-1800F Datasheet
146Kb / 2P
Digital Microphone Cable, 1 Pr #24 Str BC, 95% TC French Braid, PVC Jkt,CL2R, Flexible
01-20-2023
8403 BELDEN-8403 Datasheet
170Kb / 2P
Microphone Cable, 3 C #20 Str TC, Rayon & 90% TC Braid, PVC Jkt
01-20-2023
8404 BELDEN-8404 Datasheet
209Kb / 2P
Microphone Cable, Star Quad, 4 C #20 Str TC, Rayon & 85% TC Braid, PVC Jkt
01-20-2023
8422 BELDEN-8422 Datasheet
177Kb / 2P
Microphone Cable, 2 C #22 Str TC, 85% TC Braid, Cotton Braid, PVC Jkt
01-20-2023
1696A BELDEN-1696A Datasheet
198Kb / 2P
Digital Audio Cable, 1 Pr #22, Str TC, Foil Braid, PVC Jkt
01-20-2023
1172A BELDEN-1172A Datasheet
169Kb / 2P
Microphone Cable, Star Quad, 4 C #26 Str BC, 95% TC French Braid, PVC Jkt, Flexible
01-20-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com