Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFM22 Datasheet (PDF) - HOPE Microelectronics CO., Ltd.

RFM22 Datasheet PDF - HOPE Microelectronics CO., Ltd.
Part # RFM22
Download  RFM22 Download
File Size   4193.78 Kbytes
Page   150 Pages
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.
Description Transceiver module

RFM22 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFM22 Datasheet PDF - HOPE Microelectronics CO., Ltd.

Part # RFM22
Download  RFM22 Click to download

File Size   4193.78 Kbytes
Page   150 Pages
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.
Description Transceiver module

RFM22 Datasheet (HTML) - HOPE Microelectronics CO., Ltd.


RFM22 Product details

Features
 Frequency Range = 240–930 MHz
 Sensitivity = –118 dBm
 +17 dBm Max Output Power
● Configurable +8 to +17 dBm
 Low Power Consumption
● 18.5 mA receive
● 27 mA @ +11 dBm transmit
 Data Rate = 1 to 128 kbps
 Power Supply = 1.8 to 3.6 V
 Ultra low power shutdown mode
 Digital RSSI
 Wake-on-radio
 Auto-frequency calibration (AFC)
Configurable packet structure
 Preamble detector
 TX and RX 64 byte FIFOs
 Low battery detector
 Temperature sensor and 8-bit ADC
 –40 to +85 °C temperature range
 Integrated voltage regulators
 Frequency hopping capability
FSK, GFSK, and OOK modulation
Low BOM
Power-on-reset (POR)
Applications
Remote control Remote meter reading
 Home security & alarm Remote keyless entry
Telemetry Home automation
Personal data logging Industrial control
Toy control Sensor networks
Tire pressure monitoring Health monitors
Wireless PC peripherals Tag readers
Description
The RFM22 is low cost ISM transceiver module and offers advanced radio features including continuous frequency coverage from
240–930 MHz and adjustable output power of up to +17 dBm. The extremely low receive sensitivity (–118 dBm) coupled with
industry leading +17dBm output power ensures extended range and improved link performance. Support for frequency hopping
can be used to further extend range and enhance performance.
Additional system features such as an automatic wake-up timer, low battery detector, 64 byte TX/RX FIFOs, automatic packet
handling, and preamble detection reduce overall current consumption and allow the use of lower-cost system MCUs. An
integrated temperature sensor, general purpose ADC, power-on-reset (POR), and GPIOs further reduce overall system cost and
size.
The RFM22‘s digital receive architecture features a high-performance ADC and DSP based modem which performs demodulation,
filtering, and packet handling for increased flexibility and performance. This digital architecture simplifies system design while
allowing for the use of lower-end MCUs. The direct digital transmit modulation and automatic PA power ramping ensure precise
transmit modulation and reduced spectral spreading ensuring compliance with FCC and ETSI regulations.




Similar Part No. - RFM22

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM22B HOPE-RFM22B Datasheet
2Mb / 74P
ISM TRANSCEIVER MODULE
RFM22B-433-D HOPE-RFM22B-433-D Datasheet
2Mb / 74P
ISM TRANSCEIVER MODULE
RFM22B-433-S1 HOPE-RFM22B-433-S1 Datasheet
2Mb / 74P
ISM TRANSCEIVER MODULE
RFM22B-433-S2 HOPE-RFM22B-433-S2 Datasheet
2Mb / 74P
ISM TRANSCEIVER MODULE
More results


Similar Description - RFM22

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KOI-6001A KODENSHI-KOI-6001A Datasheet
1Mb / 2P
IR Transceiver Module
logo
STMicroelectronics
STW3100 STMICROELECTRONICS-STW3100 Datasheet
456Kb / 7P
TRANSCEIVER MODULE
logo
KODENSHI_AUK CORP.
KOI-6001B KODENSHI-KOI-6001B Datasheet
107Kb / 2P
IR Transceiver Module
KOI-6006B KODENSHI-KOI-6006B Datasheet
104Kb / 2P
IR Transceiver Module
KOI-6005A KODENSHI-KOI-6005A Datasheet
105Kb / 2P
IR Transceiver Module
logo
List of Unclassifed Man...
TRM-900-NT ETC1-TRM-900-NT Datasheet
2Mb / 23P
Transceiver Module
logo
EnOcean GmbH.
TCM410J ENOCEAN-TCM410J Datasheet
328Kb / 1P
Transceiver Module
November 2017
logo
Renesas Technology Corp
NL1000 RENESAS-NL1000 Datasheet
195Kb / 10P
TRANSCEIVER MODULE
1999
NL1020 RENESAS-NL1020 Datasheet
185Kb / 10P
TRANSCEIVER MODULE
1999
NL1100 RENESAS-NL1100 Datasheet
204Kb / 10P
TRANSCEIVER MODULE
1999
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com