Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFM22 Datasheet(PDF) 8 Page - HOPE Microelectronics CO., Ltd.

Part # RFM22
Description  Transceiver module
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM22 Datasheet(HTML) 8 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM22 Datasheet HTML 4Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 5Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 10Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 11Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 12Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 150 page
background image
R F M 2 2
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com
http://www.hoperf.com
8
Table 5. Auxiliary Block Specifications1
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Temperature Sensor
Accuracy2
TSA
When calibrated using temp
sensor offset register
—
0.5
—
°C
Temperature Sensor
Sensitivity2
TSS
—
5
—
mV/°C
Low Battery Detector
Resolution2
LBDRES
—
50
—
mV
Low Battery Detector
Conversion Time2
LBDCT
—
250
—
μs
Microcontroller Clock
Output Frequency
MC
Configurable to 30 MHz,
15 MHz, 10 MHz, 4 MHz,
3 MHz, 2 MHz, 1 MHz, or
32.768 kHz
32.768K
—
30M
Hz
General Purpose ADC
Accuracy2
ADCENB
—
8
—
bit
General Purpose ADC
Resolution2
ADCRES
—
4
—
mV
Temp Sensor & General
Purpose ADC Conversion
Time2
ADCCT
—
305
—
μs
30 MHz XTAL Start-Up time
t30M
—
1
—
ms
30 MHz XTAL Cap
Resolution2
30MRES
—
97
—
fF
32 kHz XTAL Start-Up Time2
t32K
—
6
—
sec
32 kHz XTAL Accuracy2
32KRES
—
100
—
ppm
32 kHz RC OSC Accuracy2
32KRCRES
—
2500
—
ppm
POR Reset Time
tPOR
—
16
—
ms
Software Reset Time2
tsoft
—
100
—
μs
Notes:
1. All specification guaranteed by production test unless otherwise noted.
2. Guaranteed by qualification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com