Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFM22 Datasheet(PDF) 83 Page - HOPE Microelectronics CO., Ltd.

Part # RFM22
Description  Transceiver module
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM22 Datasheet(HTML) 83 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM22 Datasheet HTML 79Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 80Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 81Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 82Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 83Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 84Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 85Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 86Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 87Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 150 page
background image
R F M 2 2
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com
http://www.hoperf.com
83
Register 09h. 30 MHz Crystal Oscillator Load Capacitance
Bit
D7
D6
D5
D4
D3
D2
D1
D0
Name
xtalshft
xlc[6:0]
Type
R/
w
R/
w
Reset value = 01000000
Bit
Name
Function
7
xtalshft
Direct Control to Analog.
6:0
xlc[6:0]
Tuning Capacitance for the 30 MHz XTAL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com