Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFM22 Datasheet(PDF) 33 Page - HOPE Microelectronics CO., Ltd.

Part # RFM22
Description  Transceiver module
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM22 Datasheet(HTML) 33 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM22 Datasheet HTML 29Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 30Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 31Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 32Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 33Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 34Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 35Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 36Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 37Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 150 page
background image
R F M 2 2
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com
http://www.hoperf.com
33
5. Internal Functional Blocks
This section provides an overview some of the key blocks of the internal radio architecture.
5.1. RX LNA
The input frequency range for the LNA is 240
–930 MHz. The LNA provides gain with a noise figure low enough to
suppress the noise of the following stages. The LNA has one step of gain control which is controlled by the analog
gain control (AGC) algorithm. The AGC algorithm adjusts the gain of the LNA and PGA so the receiver can handle
signal levels from sensitivity to +5 dBm with optimal performance.
5.2. RX I-Q Mixer
The output of the LNA is fed internally to the input of the receive mixer. The receive mixer is implemented as an I-Q
mixer that provides both I and Q channel outputs to the programmable gain amplifier. The mixer consists of two
double-balanced mixers whose RF inputs are driven in parallel, local oscillator (LO) inputs are driven in quadrature,
and separate I and Q Intermediate Frequency (IF) outputs drive the programmable gain amplifier. The receive LO
signal is supplied by an integrated VCO and PLL synthesizer operating between 240
–930 MHz. The necessary
quadrature LO signals are derived from the divider at the VCO output.
5.3. Programmable Gain Amplifier
The Programmable Gain Amplifier (PGA) provides the necessary gain to boost the signal level into the Dynamic
Range of the ADC. The PGA must also have enough gain switching to allow for large input signals to ensure a
linear RSSI range up to
–20 dBm. The PGA is designed to have steps of 3 dB which are controlled by the AGC
algorithm in the digital modem.
5.4. ADC
The amplified I&Q IF signals are digitized using an Analog-to-Digital Converter (ADC), which allows for low current
consumption and high dynamic range. The bandpass response of the ADC provides exceptional rejection of out of
band blockers.
5.5. Digital Modem
Using high-performance ADCs allows channel filtering, image rejection, and demodulation to be performed in the
digital domain, resulting in reduced area while increasing flexibility. The digital modem performs the following
functions:
Channel Selection Filter
TX Modulation
RX Demodulation
AGC
Preamble Detector
Invalid Preamble Detector
Radio Signal Strength Indicator (RSSI)
Automatic Frequency Compensation (AFC)
Packet Handling including EZMac
™ features
Cyclic Redundancy Check (CRC)
The digital Channel Filter and Demodulator are optimized for ultra low power consumption and are highly
configurable. Supported modulation types are GFSK, FSK, and OOK. The Channel Filter can be configured to
support a large choice of bandwidths ranging from 620 kHz down to 2.6 kHz. A large variety of data rates are
supported ranging from 1 up to 128 kbps. The AGC algorithm is implemented digitally using an advanced control
loop optimized for fast response time.
The configurable Preamble Detector is used to improve the reliability of the Sync-word detection. The Sync-word
detector is only enabled when a valid preamble is detected, significantly reducing the probability of false Sync-word
detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com