Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7916A Datasheet (PDF) - Belden Inc.

7916A Datasheet PDF - Belden Inc.
Part # 7916A
Download  7916A Download
File Size   153.92 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description DBS Cable, RG6, 18 AWG BC, Quad Shield, CM

7916A Datasheet (PDF)

Go To PDF Page Download Datasheet
7916A Datasheet PDF - Belden Inc.

Part # 7916A
Download  7916A Click to download

File Size   153.92 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description DBS Cable, RG6, 18 AWG BC, Quad Shield, CM

7916A Datasheet (HTML) - Belden Inc.


7916A Product details

Product Description
Series 6, 18 AWG solid .040" bare copper conductor, gas-injected foam polyethylene insulation, Duobond®; aluminum braid shields (60% and 40% coverage),
PVC jacket (black or white).




Similar Part No. - 7916A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7916A0091000 ETC2-7916A0091000 Datasheet
103Kb / 4P
Series 6, 18 AWG solid .040 bare copper conductor, gas-injected foam polyethylene insulation
7916A009500 ETC2-7916A009500 Datasheet
103Kb / 4P
Series 6, 18 AWG solid .040 bare copper conductor, gas-injected foam polyethylene insulation
7916A009U1000 ETC2-7916A009U1000 Datasheet
103Kb / 4P
Series 6, 18 AWG solid .040 bare copper conductor, gas-injected foam polyethylene insulation
7916A009U500 ETC2-7916A009U500 Datasheet
103Kb / 4P
Series 6, 18 AWG solid .040 bare copper conductor, gas-injected foam polyethylene insulation
7916A0101000 ETC2-7916A0101000 Datasheet
103Kb / 4P
Series 6, 18 AWG solid .040 bare copper conductor, gas-injected foam polyethylene insulation
More results


Similar Description - 7916A

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
A224-01K-BK TRIPPLITE-A224-01K-BK Datasheet
166Kb / 2P
RG6/U Quad-Shield CMR-Rated Coaxial Cable, Black, 1000 ft.
A224-01K-WH TRIPPLITE-A224-01K-WH Datasheet
166Kb / 2P
RG6/U Quad-Shield CMR-Rated Coaxial Cable, White, 1000 ft.
logo
Belden Inc.
5302UP BELDEN-5302UP Datasheet
181Kb / 2P
Audio Cable, 4 Conductor 18 AWG BC, CM
12-20-2022
8814 BELDEN-8814 Datasheet
155Kb / 2P
Speaker Cable, 2 Conductor 14 AWG BC, Unshielded, CM
04-14-2023
9716 BELDEN-9716 Datasheet
145Kb / 2P
Speaker Cable, 2 Conductor 16 AWG BC, Unshielded, CM
12-19-2022
5300UP BELDEN-5300UP Datasheet
153Kb / 2P
Audio Cable, 2 Conductor 18 AWG, BC, Unshielded, CM
12-19-2022
5200UP BELDEN-5200UP Datasheet
176Kb / 2P
Audio Cable, 2 Conductor 16 AWG, BC, Unshielded, CM
04-28-2023
5102UP BELDEN-5102UP Datasheet
147Kb / 2P
Audio Cable, 4 Conductor 14 AWG, BC, Unshielded, CM
05-01-2023
8812 BELDEN-8812 Datasheet
155Kb / 2P
Speaker Cable, 2 Conductor 12 AWG BC, Unshielded, CM
04-14-2023
7915A BELDEN-7915A Datasheet
158Kb / 3P
Broadband Coax, Series 6, 18 AWG Solid BC, Tri-Shield, PVC Jkt, CM
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com