Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPC6742 Datasheet (PDF) - Qorvo, Inc

QPC6742 Datasheet PDF - Qorvo, Inc
Part # QPC6742
Download  QPC6742 Download
File Size   2010.2 Kbytes
Page   22 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 75Ω SP4T Switch 5MHz to 2000MHz

QPC6742 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPC6742 Datasheet PDF - Qorvo, Inc

Part # QPC6742
Download  QPC6742 Click to download

File Size   2010.2 Kbytes
Page   22 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 75Ω SP4T Switch 5MHz to 2000MHz

QPC6742 Datasheet (HTML) - Qorvo, Inc


QPC6742 Product details

Key Features
• 5 MHz to 2000 MHz Operation
• 5 MHz to 3300 MHz Operation with Additional Matching
• Low Insertion Loss: 0.35 dB at 800 MHz
• No Blocking Caps Required Unless Voltage on RF Line
• High Isolation: 42 dB at 800 MHz
• High Input IP3: 82 dBm at 850 MHz
• 2kV ESD
• +1.8V Logic Compatible
• 3V to 5V Operation




Similar Part No. - QPC6742

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPC6742 TRIQUINT-QPC6742 Datasheet
1Mb / 14P
75(ohm) SP4T Switch 5MHz to 2000MHz
QPC6742PCK TRIQUINT-QPC6742PCK Datasheet
1Mb / 14P
75(ohm) SP4T Switch 5MHz to 2000MHz
QPC6742SQ TRIQUINT-QPC6742SQ Datasheet
1Mb / 14P
75(ohm) SP4T Switch 5MHz to 2000MHz
QPC6742SR TRIQUINT-QPC6742SR Datasheet
1Mb / 14P
75(ohm) SP4T Switch 5MHz to 2000MHz
QPC6742TR13 TRIQUINT-QPC6742TR13 Datasheet
1Mb / 14P
75(ohm) SP4T Switch 5MHz to 2000MHz
More results


Similar Description - QPC6742

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA2654 RFMD-RFSA2654 Datasheet
791Kb / 9P
SERIAL CONTROLLED 7 DIGITAL STEP ATTENUATOR 5MHz TO 2000MHz, 6-BIT, 0.5dB
SGL0363Z RFMD-SGL0363Z Datasheet
828Kb / 11P
5MHz to 2000MHz LOW NOISE AMPLIFIER SILICON GERMANIUM
logo
Pasternack Enterprises,...
PE71S6127 PASTERNACK-PE71S6127 Datasheet
439Kb / 4P
SP4T Switch
PE71S6184 PASTERNACK-PE71S6184 Datasheet
441Kb / 4P
SP4T Switch
logo
TriQuint Semiconductor
QPC6742 TRIQUINT-QPC6742 Datasheet
1Mb / 14P
75(ohm) SP4T Switch 5MHz to 2000MHz
QPC6762 TRIQUINT-QPC6762 Datasheet
1Mb / 14P
75(ohm) SP6T Switch 5MHz to 2000MHz
logo
Mini-Circuits
MSP4TA-18 MINI-MSP4TA-18 Datasheet
373Kb / 3P
SP4T Switch
logo
Qorvo, Inc
QPC6044 QORVO-QPC6044 Datasheet
1Mb / 12P
5MHz to 6GHz Absorptive High Isolation SP4T Switch
April 9, 2020
QPC4614 QORVO-QPC4614 Datasheet
2Mb / 21P
75Ω 5 −2000MHz Digital Step Attenuator
August 5, 2021
logo
Renesas Technology Corp
F1978 RENESAS-F1978 Datasheet
3Mb / 27P
6-Bit, 75Ω Digital Step Attenuator 5MHz to 3GHz
August 28, 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com