Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ME2012-U Datasheet (PDF) - Sensata Technologies, Inc.

ME2012-U Datasheet PDF - Sensata Technologies, Inc.
Part # ME2012-U
Download  ME2012-U Download
File Size   221.33 Kbytes
Page   3 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description INVERTER/CHARGER

ME2012-U Datasheet (PDF)

Go To PDF Page Download Datasheet
ME2012-U Datasheet PDF - Sensata Technologies, Inc.

Part # ME2012-U
Download  ME2012-U Click to download

File Size   221.33 Kbytes
Page   3 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description INVERTER/CHARGER

ME2012-U Datasheet (HTML) - Sensata Technologies, Inc.


ME2012-U Product details

Features
• Power Factor Corrected (PFC) Charger – Our PFC charger is built into
all of our inverter / chargers. It uses less energy from a generator
than a standard charger - using 25-30% less AC current than
standard chargers.
• Choices – The ME Series comes in three power models and optional
built-in branch rated AC output breakers, allowing you to choose the
model that is right for you.
• Versatile mounting – Mount the ME Series on a shelf, bulkhead, or
even upside down.
• Lightweight – The lightweight aluminum base and cover also provides
noise reduction and corrosion resistance.
• Multiple ports – The ME Series provides multiple ports, including an
RS485 communication port for network expansion, and a remote port.
• Accessible design – The extra large AC access cover with terminal
screw block and 360° DC connection terminals with covers make this
inverter more accessible when it needs to be.
• Convenient switches – The ME Series comes with an on/off
inverter-mounted switch with an easy-to-read LED indicator.
• Expanded transfer relay – 60 Amp transfer service is available on
all models, and can be wired in three ways, including single in /
single out, single in / dual out, or dual in / dual out.
• Buy with ease – The ME Series is backed by a three-year
(36-month) limited warranty.




Similar Part No. - ME2012-U

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
ME20 SLPOWER-ME20 Datasheet
659Kb / 4P
20W Single Output External Power Medical Series
logo
Schneider Electric
ME20 SCHNEIDER-ME20 Datasheet
3Mb / 64P
Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
logo
Amphenol Communications...
ME2005602311011 AMPHENOLCS-ME2005602311011 Datasheet
281Kb / 4P
Mini Cool Edge 0.60mm Connectors
ME2005602311041 AMPHENOLCS-ME2005602311041 Datasheet
281Kb / 4P
Mini Cool Edge 0.60mm Connectors
ME2005630501111 AMPHENOLCS-ME2005630501111 Datasheet
281Kb / 4P
Mini Cool Edge 0.60mm Connectors
More results


Similar Description - ME2012-U

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
TN-1500 MEANWELL-TN-1500_11 Datasheet
431Kb / 4P
1500W True Sine Wave DC-AC Inverter with Solar Charger
TN-3000_1105 MEANWELL-TN-3000_1105 Datasheet
1Mb / 4P
3000W True Sine Wave DC-AC Inverter with Solar Charger
logo
List of Unclassifed Man...
EMS1250UL ETC2-EMS1250UL Datasheet
514Kb / 6P
PowerVerter 1250W Ambulance/EMS Inverter/Charger with 2 Outlets
RV1250ULHW ETC2-RV1250ULHW Datasheet
524Kb / 6P
PowerVerter짰 1250W RV Inverter/Charger with Hardwire Input/Output
UT1250UL ETC2-UT1250UL Datasheet
539Kb / 6P
PowerVerter짰 1250W Utility/Work Truck Inverter/Charger with 2 Outlets
logo
Tripp Lite. All Rights ...
APSX4048SW TRIPPLITE-APSX4048SW Datasheet
540Kb / 4P
PowerVerter APS X Series 4000W Inverter/Charger
logo
COTEK ELECTRONIC IND. C...
SC-1200 COTEK-SC-1200 Datasheet
1Mb / 7P
1200W Pure Sine Wave Inverter / Charger
21/09/01
SC-2000 COTEK-SC-2000 Datasheet
1Mb / 7P
2000W Pure Sine Wave Inverter / Charger
21/09/01
SL-2000 COTEK-SL-2000 Datasheet
210Kb / 2P
2000W Inverter / Charger
20/11/12
SL-3000 COTEK-SL-3000 Datasheet
210Kb / 2P
3000W Inverter / Charger
20/11/12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com