Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLPVYL1940A_E Datasheet (PDF) - OSRAM GmbH

PLPVYL1940A_E Datasheet PDF - OSRAM GmbH
Part # PLPVYL1940A_E
Download  PLPVYL1940A_E Download
File Size   1509.53 Kbytes
Page   19 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description BIDOS® E1005 L

PLPVYL1940A_E Datasheet (PDF)

Go To PDF Page Download Datasheet
PLPVYL1940A_E Datasheet PDF - OSRAM GmbH

Part # PLPVYL1940A_E
Download  PLPVYL1940A_E Click to download

File Size   1509.53 Kbytes
Page   19 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description BIDOS® E1005 L

PLPVYL1940A_E Datasheet (HTML) - OSRAM GmbH


PLPVYL1940A_E Product details

Features
- Package: clear epoxy
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
- Multimode VCSEL
- Very small SMT package





Similar Part No. - PLPVYL1940A_E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PLPV801DBVT TI1-PLPV801DBVT Datasheet
771Kb / 24P
Nanopower Operational Amplifiers
PLPV811DBVT TI1-PLPV811DBVT Datasheet
251Kb / 12P
Nanopower Operational Amplifiers
PLPV812DGKT TI1-PLPV812DGKT Datasheet
251Kb / 12P
Nanopower Operational Amplifiers
PLPV821DBV TI1-PLPV821DBV Datasheet
407Kb / 18P
650nA, Precision, Nanopower, Zero-Drift Amplifier
PLPV821DBV TI1-PLPV821DBV Datasheet
1Mb / 24P
650nA, Precision, Nanopower, Zero-Drift Amplifier
More results


Similar Description - PLPVYL1940A_E

ManufacturerPart #DatasheetDescription
logo
Weidmuller
2669000000 WEIDMULLER-2669000000 Datasheet
150Kb / 4P
AITB 2.5 L-L
logo
Banner Engineering Corp...
LTF12IC2LDQ BANNER-LTF12IC2LDQ Datasheet
3Mb / 47P
L-GAGE® LTF Time of Flight Laser Distance Sensor
19 February 2020
logo
Super Micro Computer, I...
X9SCM-F SUPERMICRO-X9SCM-F Datasheet
240Kb / 1P
Single socket H2 (LGA 1155) supports Intel® Xeon® E3-1200 family, Intel® 2nd Generation Core i3 & Inte®l
2012
logo
WAGO Kontakttechnik Gmb...
821-153 WAGO-821-153 Datasheet
797Kb / 2P
Electrical interconnection set; L-BOXX® 102; 221 Series and TOPJOB® S with levers
21.11.2022
887-952 WAGO-887-952 Datasheet
701Kb / 2P
Splicing Connector Set; L-BOXX® Mini; 221 Series
21.11.2022
887-954 WAGO-887-954 Datasheet
477Kb / 2P
Splicing Connector Set; L-BOXX® Mini; 2773 Series
21.11.2022
887-957 WAGO-887-957 Datasheet
670Kb / 2P
Splicing Connector Set; L-BOXX® Mini; 221 Series - 4mm² and 6mm²
21.11.2022
logo
Advantech Co., Ltd.
SKY-TESL-A40-48P ADVANTECH-SKY-TESL-A40-48P Datasheet
202Kb / 1P
NVIDIA® Tesla® A40
19-Sep-2022
SKY-TESL-H100 ADVANTECH-SKY-TESL-H100 Datasheet
157Kb / 1P
NVIDIA® Tesla® H100
26-Oct-2022
logo
Renesas Technology Corp
814S208 RENESAS-814S208 Datasheet
1Mb / 24P
FemtoClock® Crys ta l-to-LVDS 8-Output Clock Synthesizer
April 7, 2016
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com