Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLPVYL1940A_E Datasheet(PDF) 5 Page - OSRAM GmbH

Part # PLPVYL1940A_E
Description  BIDOS® E1005 L
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PLPVYL1940A_E Datasheet(HTML) 5 Page - OSRAM GmbH

  PLPVYL1940A_E Datasheet HTML 1Page - OSRAM GmbH PLPVYL1940A_E Datasheet HTML 2Page - OSRAM GmbH PLPVYL1940A_E Datasheet HTML 3Page - OSRAM GmbH PLPVYL1940A_E Datasheet HTML 4Page - OSRAM GmbH PLPVYL1940A_E Datasheet HTML 5Page - OSRAM GmbH PLPVYL1940A_E Datasheet HTML 6Page - OSRAM GmbH PLPVYL1940A_E Datasheet HTML 7Page - OSRAM GmbH PLPVYL1940A_E Datasheet HTML 8Page - OSRAM GmbH PLPVYL1940A_E Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
PLPVYL1 940A _E
DATASHEET
DATASHEET
5 | Version 1.4 | 2023-07-20
Characteristics
I
F = 15 mA; tp = 1 ms; TA = 25 °C
Parameter
Symbol
Values
Peak wavelength 2)
λ
peak
min.
typ.
max.
931 nm
940 nm
949 nm
Spectral bandwidth at 50% I
e,rel,max
∆λ
typ.
4 nm
Optical output power 3)
P
opt
min.
typ.
7.7 mW
11 mW
Optical output power 3)
I
F = 8 mA; tp = 1 ms
P
opt
min.
max.
3.8 mW
6.8 mW
Beam divergence (1/e²) - 0°
Θ
typ.
max.
18 °
25 °
Beam divergence (1/e²) - 90°
Θ
typ.
max.
18 °
25 °
Threshold current
I
th
typ.
2 mA
Forward voltage 4)
V
F
min.
typ.
max.
1.8 V
2.0 V
2.2 V
Forward voltage 4)
I
F = 10 µA; tp = 10 ms
V
F
min.
0.7 V
Thermal resistance junction solder point real
R
thJS real
max.
270 K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com