Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLPVYL1940A_E Datasheet(PDF) 18 Page - OSRAM GmbH

Part # PLPVYL1940A_E
Description  BIDOS® E1005 L
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PLPVYL1940A_E Datasheet(HTML) 18 Page - OSRAM GmbH

Back Button PLPVYL1940A_E Datasheet HTML 11Page - OSRAM GmbH PLPVYL1940A_E Datasheet HTML 12Page - OSRAM GmbH PLPVYL1940A_E Datasheet HTML 13Page - OSRAM GmbH PLPVYL1940A_E Datasheet HTML 14Page - OSRAM GmbH PLPVYL1940A_E Datasheet HTML 15Page - OSRAM GmbH PLPVYL1940A_E Datasheet HTML 16Page - OSRAM GmbH PLPVYL1940A_E Datasheet HTML 17Page - OSRAM GmbH PLPVYL1940A_E Datasheet HTML 18Page - OSRAM GmbH PLPVYL1940A_E Datasheet HTML 19Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
PLPVYL1 940A _E
DATASHEET
DATASHEET
18 | Version 1.4 | 2023-07-20
Revision History
Version
Date
Change
1.0
2020-10-30
Initial Version
1.1
2021-11-10
Ordering Information
Characteristics
Further Information
1.2
2022-02-08
Derating (Diagrams)
1.3
2023-05-11
New Layout
Applications
1.4
2023-07-20
Characteristics
Forward Voltage Groups



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com