Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

814S208 Datasheet (PDF) - Renesas Technology Corp

814S208 Datasheet PDF - Renesas Technology Corp
Part # 814S208
Download  814S208 Download
File Size   2003.57 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crys ta l-to-LVDS 8-Output Clock Synthesizer

814S208 Datasheet (PDF)

Go To PDF Page Download Datasheet
814S208 Datasheet PDF - Renesas Technology Corp

Part # 814S208
Download  814S208 Click to download

File Size   2003.57 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crys ta l-to-LVDS 8-Output Clock Synthesizer

814S208 Datasheet (HTML) - Renesas Technology Corp


814S208 Product details

Features
• Third generation FemtoClock® technology
• Selectable 122.88MHz or 153.6MHz output clock synthesized
from a 30.72MHz fundamental mode crystal
• Eight differential LVDS clock outputs
• Differential reference clock input pair
• PLL lock indicator output
• Crystal interface designed for a 30.72MHz,
parallel resonant crystal
• RMS phase jitter @ 122.88MHz, using a 30.72MHz crystal
(12kHz - 20MHz): 0.650ps (typical)
• RMS phase jitter @ 153.6MHz, using a 30.72MHz crystal
(12kHz - 20MHz): 0.642ps (typical)
• LVCMOS interface levels for the control input
• Full 3.3V supply voltage
• Available in Lead-free (RoHS 6) 48-lead VFQFN package
• -40°C to 85°C ambient operating temperature




Similar Part No. - 814S208

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
814S208 IDT-814S208 Datasheet
543Kb / 23P
FemtoClock Crys ta l-to-LVDS 8-Output Clock Synthesizer
814S208BKILF IDT-814S208BKILF Datasheet
1Mb / 23P
FemtoClock짰 Crystal-to-LVDS 8-Output Clock Synthesizer
814S208BKILF IDT-814S208BKILF Datasheet
543Kb / 23P
FemtoClock Crys ta l-to-LVDS 8-Output Clock Synthesizer
814S208BKILFT IDT-814S208BKILFT Datasheet
1Mb / 23P
FemtoClock짰 Crystal-to-LVDS 8-Output Clock Synthesizer
814S208BKILFT IDT-814S208BKILFT Datasheet
543Kb / 23P
FemtoClock Crys ta l-to-LVDS 8-Output Clock Synthesizer
More results


Similar Description - 814S208

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8V44S269 IDT-8V44S269 Datasheet
598Kb / 28P
FemtoClock Crystal-to-LVDS, LVCMOS 10-Output Clock Synthesizer
83908-02 IDT-83908-02 Datasheet
335Kb / 16P
FemtoClock Crystal-to-LVDS 8-Output Clock Synthesizer
814S208 IDT-814S208 Datasheet
543Kb / 23P
FemtoClock Crys ta l-to-LVDS 8-Output Clock Synthesizer
logo
Renesas Technology Corp
8V44S269 RENESAS-8V44S269 Datasheet
891Kb / 29P
FemtoClock® Crystal-to-LVDS, LVCMOS 10-Output Clock Synthesizer
May 9, 2016
844008I-01 RENESAS-844008I-01 Datasheet
607Kb / 19P
FemtoClock® Crystal-to-LVDS Frequency Synthesizer
4/22/15
841N254B RENESAS-841N254B Datasheet
950Kb / 25P
FemtoClock® NG Crystal-to-LVDS/ HCSL Clock Synthesizer
February 2, 2023
83908-02 RENESAS-83908-02 Datasheet
617Kb / 17P
FemtoClock® Crystal-to-LVDS 8-Output Clock Synthesizer
April 7, 2016
IDT8V44N003I RENESAS-IDT8V44N003I Datasheet
1Mb / 29P
FemtoClock® NG LVDS Clock Synthesizer
2019
844004I-104 RENESAS-844004I-104 Datasheet
599Kb / 19P
FemtoClock® Crystal-to-LVDS Frequency Synthesizer
2019
844N255I RENESAS-844N255I Datasheet
894Kb / 23P
FemtoClock® NG Crystal-to-LVDS Clock Synthesizer
April 28, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com