Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD150 Datasheet (PDF) - Sensata Technologies, Inc.

CD150 Datasheet PDF - Sensata Technologies, Inc.
Part # CD150
Download  CD150 Download
File Size   398.82 Kbytes
Page   3 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description CD150 POTENTIOMETRIC OUTPUT – MEASUREMENT RANGE 0 UP TO 6000 MM

CD150 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD150 Datasheet PDF - Sensata Technologies, Inc.

Part # CD150
Download  CD150 Click to download

File Size   398.82 Kbytes
Page   3 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description CD150 POTENTIOMETRIC OUTPUT – MEASUREMENT RANGE 0 UP TO 6000 MM

CD150 Datasheet (HTML) - Sensata Technologies, Inc.


CD150 Product details

Features
• Range up to 6000 mm
• Standard linearity of 0.15%
• Connector and cable output options available
• IP54 rated with IP67 option
• Built-in cable cleaning brush option available
• Well suited for dusty, hot or wet environments




Similar Part No. - CD150

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
CD150 SENSATA-CD150 Datasheet
245Kb / 3P
ANALOG OUTPUT DRAW-WIRE – MEASUREMENT RANGE 0 UP TO 6000 MM
Revised 03/29/2018
CD150-4000-I020G-L10-C SENSATA-CD150-4000-I020G-L10-C Datasheet
245Kb / 3P
ANALOG OUTPUT DRAW-WIRE – MEASUREMENT RANGE 0 UP TO 6000 MM
Revised 03/29/2018
CD150-4000-I020G-L10-K SENSATA-CD150-4000-I020G-L10-K Datasheet
245Kb / 3P
ANALOG OUTPUT DRAW-WIRE – MEASUREMENT RANGE 0 UP TO 6000 MM
Revised 03/29/2018
CD150-4000-I020G-L10-K02 SENSATA-CD150-4000-I020G-L10-K02 Datasheet
245Kb / 3P
ANALOG OUTPUT DRAW-WIRE – MEASUREMENT RANGE 0 UP TO 6000 MM
Revised 03/29/2018
CD150-4000-I020G-L10-L4 SENSATA-CD150-4000-I020G-L10-L4 Datasheet
245Kb / 3P
ANALOG OUTPUT DRAW-WIRE – MEASUREMENT RANGE 0 UP TO 6000 MM
Revised 03/29/2018
More results


Similar Description - CD150

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AF1000 ETC1-AF1000 Datasheet
294Kb / 1P
AF1000 TO 6000
logo
Wall Industries,Inc.
IBS55 WALL-IBS55 Datasheet
130Kb / 3P
6000 VDC Input/Output Isolation
logo
Emerson Network Power
UFE EMERSON-NETWORKPOWER-UFE_11 Datasheet
903Kb / 6P
UFE / UFR Series Up to 6000 Watts
logo
Texas Instruments
LMR62014 TI-LMR62014 Datasheet
1Mb / 22P
Input Voltage Range of 2.7V to 14V, Output Voltage up to 20V
logo
API Delevan
TN9560 API-TN9560 Datasheet
162Kb / 3P
Standard Microwave Amplifier Frequency Range: 500 MHz to 6000 MHz
logo
Artesyn Technologies
UFE1300-96S24C1J ARTESYN-UFE1300-96S24C1J Datasheet
903Kb / 6P
UFE / UFR Series Up to 6000 Watts
logo
Amphenol Corporation
GRN6165 AMPHENOL-GRN6165 Datasheet
219Kb / 2P
Measurement range: 8.5% - 36.8%
logo
MICORO CRYSTAL SWITZERL...
VCXO2H MICROCRYSTAL-VCXO2H Datasheet
337Kb / 2P
family package 5횞3.2 mm T range up to 125째C 40MHz to 130MHz
logo
AAEON Technology
UPN-EHLCB-A10-001 AAEON-UPN-EHLCB-A10-001 Datasheet
1Mb / 2P
UP Squared 6000 PSE Carrier Board
2022/09/16
logo
Omron Electronics LLC
ES1C OMRON-ES1C Datasheet
852Kb / 8P
Achieve Superior Environmental Resistance and a Wide Measurement Range of 0 to 400°C.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com