Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7220 Datasheet (PDF) - OSRAM GmbH

AS7220 Datasheet PDF - OSRAM GmbH
Part # AS7220
Download  AS7220 Download
File Size   945.75 Kbytes
Page   33 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Calibrated CCT and Lumen Maintenance Smart Lighting Manager

AS7220 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS7220 Datasheet PDF - OSRAM GmbH

Part # AS7220
Download  AS7220 Click to download

File Size   945.75 Kbytes
Page   33 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Calibrated CCT and Lumen Maintenance Smart Lighting Manager

AS7220 Datasheet (HTML) - OSRAM GmbH


AS7220 Product details

Features
• Calibrated XYZ tri-stimulus color sensing for direct
translation to CIE 1931/1976 standard observer color
maps
• Filter set realized by silicon interference filters
• If enabled, desired CCT and/or Lumen settings are
read by the Cognitive Light Engine and maintained
by using spectrally tuned light
• Directly interfaces to 0-10V dimmer controls and
standard occupancy sensors
• Built-in PWM generators to dim and control
warm/cool luminaire LED strings
• 12-bit resolution for precise control down to 1%
• 0-10V analog output for control of conventional
dimming ballasts in a current steering design
• 20-pin LGA package 4.5mm x 4.7mm x 2.5mm with
integrated aperture
• -40 °C to 85°C




Similar Part No. - AS7220

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
AS7220 AMSOSRAM-AS7220 Datasheet
945Kb / 33P
Calibrated CCT and Lumen Maintenance Smart Lighting Manager
2017-Feb-16
AS7220- BLGT AMSOSRAM-AS7220- BLGT Datasheet
945Kb / 33P
Calibrated CCT and Lumen Maintenance Smart Lighting Manager
2017-Feb-16
More results


Similar Description - AS7220

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OZ990S ETC-OZ990S Datasheet
80Kb / 5P
Intelligent Manager Smart PMU/GPIO
OZ990S ETC-OZ990S Datasheet
39Kb / 5P
Intelligent Manager Smart PMU/GPIO
OZ990S ETC-OZ990S Datasheet
39Kb / 5P
Intelligent Manager Smart PMU/GPIO
logo
Linear Technology
LTC1760 LINER-LTC1760 Datasheet
370Kb / 44P
Dual Smart Battery System Manager
LTC1760 LINER-LTC1760_1 Datasheet
340Kb / 44P
Dual Smart Battery System Manager
logo
Lumileds Lighting Compa...
L130-2780002011001 LUMILEDS-L130-2780002011001 Datasheet
1Mb / 24P
Hot targeted leading lm/$ QFN with superior lumen maintenance
PB217 LUMILEDS-PB217 Datasheet
1Mb / 2P
Superior lumen maintenance and corrosion resistance in punishing conditions
DS217 LUMILEDS-DS217 Datasheet
3Mb / 18P
Superior lumen maintenance and corrosion resistance in punishing conditions
logo
Luminus, Inc
CDM-6-3018-90-18-DW0X LUMINUS-CDM-6-3018-90-18-DW0X Datasheet
1Mb / 12P
High lumen density for directional lighting
logo
Lumileds Lighting Compa...
L1HX-27702P0000000 LUMILEDS-L1HX-27702P0000000 Datasheet
2Mb / 19P
Higher performance, color stability, lumen maintenance, and longevity.
20211210
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com