Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7220 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # AS7220
Description  Calibrated CCT and Lumen Maintenance Smart Lighting Manager
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7220 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button AS7220 Datasheet HTML 4Page - OSRAM GmbH AS7220 Datasheet HTML 5Page - OSRAM GmbH AS7220 Datasheet HTML 6Page - OSRAM GmbH AS7220 Datasheet HTML 7Page - OSRAM GmbH AS7220 Datasheet HTML 8Page - OSRAM GmbH AS7220 Datasheet HTML 9Page - OSRAM GmbH AS7220 Datasheet HTML 10Page - OSRAM GmbH AS7220 Datasheet HTML 11Page - OSRAM GmbH AS7220 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
ams Datasheet
Page 7
[v1-00] 2017-Feb-16
Document Feedback
AS7220 − Electrical Characteristics
All limits are guaranteed with VDD = 3.3V, VDDHV = 12V,
TAMB = 25ºC. The parameters with min and max values are
guaranteed with production tests or SQC (Statistical Quality
Control) methods.
If VDD and VDDHV are to be the same voltage, they should be
sourced by the same 2.97-3.6V supply.
Figure 6:
Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
General Operating Conditions
VDD
Low Voltage Operating
Supply
2.97
3.3
3.6
V
VDDHV
High Voltage Operating
Supply
VDD
12
15
V
TAMB
Operating Temperature
-40
25
85
°C
IVDD
Operating Current
5
mA
Internal RC Oscillator
FOSC
Internal RC Oscillator
Frequency
15.7
16
16.3
MHz
tJITTER
(1)
Jitter
@25°C
1.2
ns
0-10V Output (0_10V_O pin)
ROUT_10
Resistive Load
1
kΩ
IS_10
Source Current
10
mA
ISINK_10
Sink Current
-10
mA
ILEAK_HV
HV Output Leakage Current
VIN=12V, DAC and
PWM1 both
disabled
-1.6
-0.73
mA
CLOAD_10
Capacitive Load
100
pF
VOUT_10
(2)
Output Swing
0
10
V
AUX Input
AUXIN
AUX Input Voltage
For 100% AUX A/D
Conversion
3.0
V
RIN_AUX
Analog Input Resistance
168
240
312
kΩ
0-10V Inputs (0_10V_DIM and LDIM)
RIN_HV
Analog Input Resistance
VDDHV ≥ 12V
138
200
315
kΩ
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com