Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7220 Datasheet(PDF) 19 Page - OSRAM GmbH

Part # AS7220
Description  Calibrated CCT and Lumen Maintenance Smart Lighting Manager
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7220 Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button AS7220 Datasheet HTML 15Page - OSRAM GmbH AS7220 Datasheet HTML 16Page - OSRAM GmbH AS7220 Datasheet HTML 17Page - OSRAM GmbH AS7220 Datasheet HTML 18Page - OSRAM GmbH AS7220 Datasheet HTML 19Page - OSRAM GmbH AS7220 Datasheet HTML 20Page - OSRAM GmbH AS7220 Datasheet HTML 21Page - OSRAM GmbH AS7220 Datasheet HTML 22Page - OSRAM GmbH AS7220 Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
Page 18
ams Datasheet
Document Feedback
[v1-00] 2017-Feb-16
AS7220 − Detailed Description
I²C Master Interface (Local Sensor Interface)
The I²C Master interface can be used to connect external sensors
native to the AS7220 (such as Daylight, Occupancy, CO sensors,
etc.). Refer to the separate ams Application note for external
sensor usage with the AS7220.
I²C Feature List
• Clock is set to 100kHz
• 7+1-bit addressing mode.
•Write formats: Single-Byte-Write, Page-Write
• Read formats: Random-Read, Sequential-Read
The AS7220 is compatible to the NXP two wire specifications.
http://www.nxp.com/documents/user_manual/UM10204.pdf
Version 4.0 Feb 2012 for standard mode and fast mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com