Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7220 Datasheet(PDF) 20 Page - OSRAM GmbH

Part # AS7220
Description  Calibrated CCT and Lumen Maintenance Smart Lighting Manager
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7220 Datasheet(HTML) 20 Page - OSRAM GmbH

Back Button AS7220 Datasheet HTML 16Page - OSRAM GmbH AS7220 Datasheet HTML 17Page - OSRAM GmbH AS7220 Datasheet HTML 18Page - OSRAM GmbH AS7220 Datasheet HTML 19Page - OSRAM GmbH AS7220 Datasheet HTML 20Page - OSRAM GmbH AS7220 Datasheet HTML 21Page - OSRAM GmbH AS7220 Datasheet HTML 22Page - OSRAM GmbH AS7220 Datasheet HTML 23Page - OSRAM GmbH AS7220 Datasheet HTML 24Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
ams Datasheet
Page 19
[v1-00] 2017-Feb-16
Document Feedback
AS7220 − Application Information
Schematics
Figure 21:
LED Chromatic Color and Lumen Maintenance with Daylighting
Note(s):
1. Mechanically, the AS7220 is inward luminaire looking for color tuning and the ams TSL4531 is outward luminaire looking to support
Daylighting.
2. The I²C port expanders and dip switches are only needed to allow field setting of desired Color and Lumen Maintenance values. The
port expanders are not needed if a one time setting of maintenance values when the luminaire is manufactured is desired, as one
time settings can be made in the external flash memory at the time of flash programming.
3. Refer to the AS7220 User Guide for detailed design and general information regarding Lumen and CCT maintenance.
Application Information
100nF
Occupancy
Sensor
DAY_EN
GND
LED_IND
SCK
CSN_EE
MISO
MOSI
VDD VDDHV
AS7220
10uF
3.3V
Flash
Memory
3.3V
MODE
AUX
LDIM_MAX
0_10V_DIM
0..10V
Dimmer
PWM_2
PWM_3
12V
AC
PWM_1
Constant Current
LED Driver
Dimming
Control
SDA_M
ams
TSL4531
SCL_M
I
2C Port
Expander
I
2C Port
Expander
I
2C Port
Expander
Dip
Switches
Dip
Switches
Dip
Switches
…...
…...
…...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com