Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7220 Datasheet(PDF) 25 Page - OSRAM GmbH

Part # AS7220
Description  Calibrated CCT and Lumen Maintenance Smart Lighting Manager
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7220 Datasheet(HTML) 25 Page - OSRAM GmbH

Back Button AS7220 Datasheet HTML 21Page - OSRAM GmbH AS7220 Datasheet HTML 22Page - OSRAM GmbH AS7220 Datasheet HTML 23Page - OSRAM GmbH AS7220 Datasheet HTML 24Page - OSRAM GmbH AS7220 Datasheet HTML 25Page - OSRAM GmbH AS7220 Datasheet HTML 26Page - OSRAM GmbH AS7220 Datasheet HTML 27Page - OSRAM GmbH AS7220 Datasheet HTML 28Page - OSRAM GmbH AS7220 Datasheet HTML 29Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
Page 24
ams Datasheet
Document Feedback
[v1-00] 2017-Feb-16
AS7220 − Soldering, Manufacturing Process Considerations & Storage Information
Solder Reflow Profile
The module has been tested and has demonstrated an ability
to be reflow soldered to a PCB substrate. The solder reflow
profile describes the expected maximum heat exposure of
components during the solder reflow process of product on a
PCB. Temperature is measured on top of component. The
components should be limited to a maximum of three passes
through this solder reflow profile.
Figure 26:
Recommended Reflow Soldering Profile
Figure 27:
Soldering Profile Graph
Profile Feature
Reference
Device
Average temperature gradient in preheating
2.5°C/s
Soak Time
tSOAK
2 to 3 minutes
Time above 217°C (T1)
t1
Max 60s
Time above 230°C (T2)
t2
Max 50s
Time above Tpeak - 10°C (T3)
t3
Max 10s
Peak temperature in reflow
Tpeak
260°C
Temperature gradient in cooling
Max - 5°C/s
Soldering, Manufacturing
Process Considerations &
Storage Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com