Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7220 Datasheet(PDF) 18 Page - OSRAM GmbH

Part # AS7220
Description  Calibrated CCT and Lumen Maintenance Smart Lighting Manager
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7220 Datasheet(HTML) 18 Page - OSRAM GmbH

Back Button AS7220 Datasheet HTML 14Page - OSRAM GmbH AS7220 Datasheet HTML 15Page - OSRAM GmbH AS7220 Datasheet HTML 16Page - OSRAM GmbH AS7220 Datasheet HTML 17Page - OSRAM GmbH AS7220 Datasheet HTML 18Page - OSRAM GmbH AS7220 Datasheet HTML 19Page - OSRAM GmbH AS7220 Datasheet HTML 20Page - OSRAM GmbH AS7220 Datasheet HTML 21Page - OSRAM GmbH AS7220 Datasheet HTML 22Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
ams Datasheet
Page 17
[v1-00] 2017-Feb-16
Document Feedback
AS7220 − Detailed Description
AS7220 Outputs
The AS7220 outputs, used to control dimming and LED
warm/cool strings, can be configured as either three PWM
outputs, two PWMs and one analog output, or two PWMs. The
PWMs are 12 bit and are factory set to 888 Hz. Refer to the Figure
below.
The three PWM outputs, PWM_1, PWM_2 and PWM_3 all switch
with the same frequency, but not simultaneously for better EMI
performance.
The PWM_1 output can be set to either analog (0-VDDHV) or
digital (0-VDDHV ) dimming. Analog dimming range is 0-100%.
Digital Dimming range is 0-100%. PWM2 and PWM3 are used
for cool white and warm white LED color controlling. Either
string can be warm or cool as the AS7220 automatically
configures string color type. Range is 0-100% for both PWM2
and PWM3.
To set the desired device operation MODE use the appropriate
RMODE resistor, also shown in the Figure below.
Figure 20:
Outputs
Note(s):
1. For VDDHV>10.5, output max is 10V, else output max tracks VDDHV.
Indicator LED
An LED, connected to pin LED_IND, is used to indicate
programming progress of the device. During programming of
the AS7220 via an external SD card, the indicator LED starts
blinking operation. When programming is finished the
indicator LED stays on. The LED_IND pin is set for 1mA operation
by the AS7220 factory firmware, and is not under user control.
Refer to the separate ams document for a complete description
of AS7220 Firmware Update Methodology.
MODE
RMODE
Setting
Outputs
PWM_1/0_10V_O
PWM_2 and PWM_3
0
100 Ω
0-10V analog
Analog 0-VDDHV (1)
Digital PWMs (0-VDD)
1
470 Ω
0-10V digital
Digital PWM (0-VDDHV) (1)
Digital PWMs (0-VDD)
2
1000 Ω
Digital 2-CH color tuning
n.a.
Digital PWMs (0-VDD), w/Dimming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com