Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7220 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # AS7220
Description  Calibrated CCT and Lumen Maintenance Smart Lighting Manager
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7220 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button AS7220 Datasheet HTML 5Page - OSRAM GmbH AS7220 Datasheet HTML 6Page - OSRAM GmbH AS7220 Datasheet HTML 7Page - OSRAM GmbH AS7220 Datasheet HTML 8Page - OSRAM GmbH AS7220 Datasheet HTML 9Page - OSRAM GmbH AS7220 Datasheet HTML 10Page - OSRAM GmbH AS7220 Datasheet HTML 11Page - OSRAM GmbH AS7220 Datasheet HTML 12Page - OSRAM GmbH AS7220 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
Page 8
ams Datasheet
Document Feedback
[v1-00] 2017-Feb-16
AS7220 − Electrical Characteristics
Note(s):
1. Guaranteed, not production tested
2. For VDDHV>10.5, output max is 10V, else output max tracks VDDHV
DAY_EN and LDIM Inputs
VMAX_DAY_
EN
Maximum Pin Voltage for
DAY_EN
VDD +
0.3
V
VMAX_LDIM
Maximum Pin Voltage for
LDIM
VDDHV+
0.3
V
RINT_DAY_
EN
Internal Resistor (to GND) for
DAY_EN Pin
10
kΩ
Temperature Sensor
DTEMP
Absolute Accuracy of the
Internal Temperature
Measurement
-8.5
8.5
°C
Indicator LED
IIND
LED Current
18
mA
IACC
Accuracy of Current
-30
30
%
VLED
Voltage Range of Connected
LED
Vds of current sink
0.3
VDD
V
Digital Inputs and Outputs
IIH, IIL
Logic Input Current
Vin=0V or VDD
-1
1
μA
IIL
SYNC/RESN
Logic Input Current
(SYNC/RESN pin)
Vin=0V
-1
-0.2
mA
VIH
CMOS Logic High Input
0.7* VDD
VDD
V
VIL
CMOS Logic Low Input
0
0.3* VDD
V
VOH
CMOS Logic High Output
I=1mA
VDD-0.4
V
VOL
CMOS Logic Low Output
I=1mA
0.4
V
tRISE
(1)
Current Rise Time
C(Pad)=30pF
5
ns
tFALL
(1)
Current Fall Time
C(Pad)=30pF
5
ns
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com