Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMR35-DCA1-DC1-R Datasheet (PDF) - Murata Power Solutions Inc.

DMR35-DCA1-DC1-R Datasheet PDF - Murata Power Solutions Inc.
Part # DMR35-DCA1-DC1-R
Download  DMR35-DCA1-DC1-R Download
File Size   1319.92 Kbytes
Page   8 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Precision DC Shunt Ammeter

DMR35-DCA1-DC1-R Datasheet (PDF)

Go To PDF Page Download Datasheet
DMR35-DCA1-DC1-R Datasheet PDF - Murata Power Solutions Inc.

Part # DMR35-DCA1-DC1-R
Download  DMR35-DCA1-DC1-R Click to download

File Size   1319.92 Kbytes
Page   8 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Precision DC Shunt Ammeter

DMR35-DCA1-DC1-R Datasheet (HTML) - Murata Power Solutions Inc.


DMR35-DCA1-DC1-R Product details

Bright, easily readable LED display
Up to 3-1/2 digit measurements
Bar-graph display scale
0.8 % measurement accuracy
Precision internal shunt resistor
Selectable current measurement ranges
Unipolar/ Bipolar measurement options
User-adjustable display brightness
Mechanical drop-in replacement for common analog-movement meters
Operates from 9 to 32 VDC
Low current consumption, 37 mA typical at 12VDC
RoHS Compliant
Two year warranty




Similar Part No. - DMR35-DCA1-DC1-R

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMR35-DCMA1-DC1-R MURATA-PS-DMR35-DCMA1-DC1-R Datasheet
1Mb / 8P
DMR35 DC Micro and Milli-ammeters
2021
DMR35-DCMA2-DC1-R MURATA-PS-DMR35-DCMA2-DC1-R Datasheet
1Mb / 8P
DMR35 DC Micro and Milli-ammeters
2021
DMR35-DCMA3-DC1-R MURATA-PS-DMR35-DCMA3-DC1-R Datasheet
1Mb / 8P
DMR35 DC Micro and Milli-ammeters
2021
DMR35-DCMA4-DC1-R MURATA-PS-DMR35-DCMA4-DC1-R Datasheet
1Mb / 8P
DMR35 DC Micro and Milli-ammeters
2021
DMR35-DCUA-DC1-R MURATA-PS-DMR35-DCUA-DC1-R Datasheet
1Mb / 8P
DMR35 DC Micro and Milli-ammeters
2021
More results


Similar Description - DMR35-DCA1-DC1-R

ManufacturerPart #DatasheetDescription
logo
C&B ELECTRONICS (SHENZH...
RTBS0050 RESI-RTBS0050 Datasheet
864Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTBS0100 RESI-RTBS0100 Datasheet
883Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTCS0050 RESI-RTCS0050 Datasheet
939Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTCS0200 RESI-RTCS0200 Datasheet
942Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTCS0300 RESI-RTCS0300 Datasheet
945Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTCS0500 RESI-RTCS0500 Datasheet
936Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTCS1000 RESI-RTCS1000 Datasheet
862Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTCS10K0 RESI-RTCS10K0 Datasheet
643Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTCS16K0 RESI-RTCS16K0 Datasheet
688Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTCS20K0 RESI-RTCS20K0 Datasheet
640Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com