Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMR35-DCMA2-DC1-R Datasheet (PDF) - Murata Power Solutions Inc.

DMR35-DCMA2-DC1-R Datasheet PDF - Murata Power Solutions Inc.
Part # DMR35-DCMA2-DC1-R
Download  DMR35-DCMA2-DC1-R Download
File Size   1250.17 Kbytes
Page   8 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description DMR35 DC Micro and Milli-ammeters

DMR35-DCMA2-DC1-R Datasheet (PDF)

Go To PDF Page Download Datasheet
DMR35-DCMA2-DC1-R Datasheet PDF - Murata Power Solutions Inc.

Part # DMR35-DCMA2-DC1-R
Download  DMR35-DCMA2-DC1-R Click to download

File Size   1250.17 Kbytes
Page   8 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description DMR35 DC Micro and Milli-ammeters

DMR35-DCMA2-DC1-R Datasheet (HTML) - Murata Power Solutions Inc.


DMR35-DCMA2-DC1-R Product details

Bright, easily readable LED display
Up to 3-1/2 digit measurements
Bar-graph display scale
0.8% measurement accuracy
Low burden voltage internal shunt resistors
Selectable current measurement ranges
Unipolar/ Bipolar measurement options
User-adjustable display brightness
Mechanical drop-in replacement for common analog-movement meters
Operates from 9 to 32 VDC
Low current consumption, 37 mA typical at 12VDC
RoHS Compliant
Two year warranty




Similar Part No. - DMR35-DCMA2-DC1-R

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMR35-DCA MURATA-PS-DMR35-DCA Datasheet
1Mb / 8P
Precision DC Shunt Ammeter
2021
DMR35-DCA1-DC1-R MURATA-PS-DMR35-DCA1-DC1-R Datasheet
1Mb / 8P
Precision DC Shunt Ammeter
2021
DMR35-DCA2-DC1-R MURATA-PS-DMR35-DCA2-DC1-R Datasheet
1Mb / 8P
Precision DC Shunt Ammeter
2021
DMR35-DCV MURATA-PS-DMR35-DCV Datasheet
1Mb / 8P
Precision DC Voltmeter
2023
DMR35-DCV1-DC1-R MURATA-PS-DMR35-DCV1-DC1-R Datasheet
1Mb / 8P
Precision DC Voltmeter
2023
More results


Similar Description - DMR35-DCMA2-DC1-R

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ACA-20RM-ALM MURATA-PS-ACA-20RM-ALM Datasheet
546Kb / 5P
True-rms-AC Ammeters with Alarm Function
ACA5-20PC MURATA-PS-ACA5-20PC Datasheet
562Kb / 5P
5 Amp Input LED-Display AC Ammeters
logo
Extech Instruments Corp...
38387 EXTECH-38387 Datasheet
274Kb / 1P
AC and AC/DC Clamp-on Ammeters
38387 EXTECH-38387_15 Datasheet
274Kb / 1P
AC and AC/DC Clamp-on Ammeters
38389 EXTECH-38389_15 Datasheet
274Kb / 1P
AC and AC/DC Clamp-on Ammeters
logo
NTE Electronics
02-P1R0-1 NTE-02-P1R0-1 Datasheet
898Kb / 1P
Overcurrent Protection for Ammeters, Digital Multimeters, Micro?묮lectric Machinery, and Transistors
logo
Murata Manufacturing Co...
DCA520PC MURATA-DCA520PC Datasheet
558Kb / 6P
50mV & 100mV Input, LED-Display, Subminiature DC Ammeters
logo
Ningbo Leison Motor Co....
LS-RF-300CA NINGBO-LS-RF-300CA Datasheet
595Kb / 1P
MICRO DC MOTOR
LS-RF-310TA NINGBO-LS-RF-310TA Datasheet
536Kb / 1P
MICRO DC MOTOR
LS-RF-500TB NINGBO-LS-RF-500TB Datasheet
550Kb / 1P
MICRO DC MOTOR
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com