Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMR35-DCMA2-DC1-R Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # DMR35-DCMA2-DC1-R
Description  DMR35 DC Micro and Milli-ammeters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMR35-DCMA2-DC1-R Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  DMR35-DCMA2-DC1-R Datasheet HTML 1Page - Murata Power Solutions Inc. DMR35-DCMA2-DC1-R Datasheet HTML 2Page - Murata Power Solutions Inc. DMR35-DCMA2-DC1-R Datasheet HTML 3Page - Murata Power Solutions Inc. DMR35-DCMA2-DC1-R Datasheet HTML 4Page - Murata Power Solutions Inc. DMR35-DCMA2-DC1-R Datasheet HTML 5Page - Murata Power Solutions Inc. DMR35-DCMA2-DC1-R Datasheet HTML 6Page - Murata Power Solutions Inc. DMR35-DCMA2-DC1-R Datasheet HTML 7Page - Murata Power Solutions Inc. DMR35-DCMA2-DC1-R Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DMR35-DCxA.A01.D04 Page 3 of 8
DMR35-DCxA Series
DMR35 DC Micro and Milli-ammeters
www.murata-ps.com
Mechanical/Environmental
Parameter
Min
Typ.
Max
Units
Operating Temperature
0
50
°C
Storage Temperature
-40
70
°C
Humidity (non-condensing)
0
85
%RH
Sealing (front face, when installed with included gasket)
Splash and dust resistant
Mounting screws (included)
#4-20 0.5” thread forming
Screw Tightening Torque
9 in-lb (1 N-m)
Panel thickness when used with included mounting screws
0.062 in. (1.6mm)
0.25 in. (6.3mm)
Dimensions
See Mechanical Specifications Figure
Weight
2.3 (65)
oz. (g)
OPERATION:
Measurement Type and Capabilities
The DMR35 series of digital micro and milli-ammeters employ a precision ADC and a low-power microcontroller to measure DC current. These meters
provide full-scale measurement ranges spanning 50 microamperes to 1000 milliamperes with extremely low burden voltages. These meters
measurement systems supports a common-mode input voltage range of up to +/-48V with respect to the power supply return (-VS connection),
simplifying high-side, low-side, and negative rail current measurements.
FRONT PANEL & FRONT PANEL LAYOUT AND FUNCTION
Bar-graph Display: The 21 segment bar-graph display responds quickly and smoothly like an
analog meter movement to aid in reading rapidly changing measurements.
Numeric Display: The 3-1/2 digit display provides precise measurements for steady-state and
slowly changing measurement values.
REAR PANEL LAYOUT AND SCREW TERMINAL CONNECTIONS
Four screw terminals are provided for power and measurement connections, as well as a 5-position DIP switch for meter configuration, as described
below.
Rear Layout
Terminal #
Name
Function
1
+VS
Power supply input terminals (9-32 VDC)
2
-VS
3
+I_IN
Current measurement input terminals
4
-I_IN
DIP Switch: Five individual switches support display intensity settings (SW1-SW2) and
measurement range selection (SW3-SW5)
Note: It is important to tighten all screw-terminals to their torque specifications. Proper
tightening will help ensure reliable operation. Applications subject to vibration should use
stranded wire.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com