Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMR35-DCMA2-DC1-R Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # DMR35-DCMA2-DC1-R
Description  DMR35 DC Micro and Milli-ammeters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMR35-DCMA2-DC1-R Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  DMR35-DCMA2-DC1-R Datasheet HTML 1Page - Murata Power Solutions Inc. DMR35-DCMA2-DC1-R Datasheet HTML 2Page - Murata Power Solutions Inc. DMR35-DCMA2-DC1-R Datasheet HTML 3Page - Murata Power Solutions Inc. DMR35-DCMA2-DC1-R Datasheet HTML 4Page - Murata Power Solutions Inc. DMR35-DCMA2-DC1-R Datasheet HTML 5Page - Murata Power Solutions Inc. DMR35-DCMA2-DC1-R Datasheet HTML 6Page - Murata Power Solutions Inc. DMR35-DCMA2-DC1-R Datasheet HTML 7Page - Murata Power Solutions Inc. DMR35-DCMA2-DC1-R Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DMR35-DCxA.A01.D04 Page 2 of 8
DMR35-DCxA Series
DMR35 DC Micro and Milli-ammeters
www.murata-ps.com
SPECIFICATIONS:
Measurement Performance
Min
Typ.
Max
Units
Measurement Ranges
DMR35-DCMA1
0-1, 0-3, 0-5, 0-10, ±1, ±3, ±5, ±10
mA
DMR35-DCMA2
0-15, 0-20, 0-25, 0-50, ±15, ±20, ±25, ±50
mA
DMR35-DCMA3
0-100, 0-150, 0-200, 0-250, ±100, ±150, ±200, ±250
mA
DMR35-DCMA4
0-300, 0-500, 0-750, 0-1000, ±300, ±500, ±750, ±1000
mA
DMR35-DCUA
0-50, 0-100, 0-200, 0-500, ±50, ±100, ±200, ±500
uA
Accuracy (25 °C)
0.8% Reading + 2
counts.
Temperature Stability
0.01
%F.S. /°C
Burden voltage at highest range, full-scale input current (1)
DMR35-DCMA1 (10 mA)
100
mV
DMR35-DCMA2 (50 mA)
50
mV
DMR35-DCMA3 (250 mA)
50
mV
DMR35-DCMA4 (1000 mA)
50
mV
DMR35-DCUA (500 uA)
100
mV
Absolute Maximum Input Current (+I_IN to –I_IN, applied for 1 minute maximum) (2)
DMR35-DCMA1
-200
200
mA
DMR35-DCMA2
-700
700
mA
DMR35-DCMA3
-1
1
A
DMR35-DCMA4
-2
2
A
DMR35-DCUA
-25
25
mA
Absolute Maximum voltage differential (either
+I_IN or –I_IN to –VS) (2)
-48
+48
V
Notes:
1)
‘Burden Voltage’ is the voltage drop across the meter when measuring a current. Burden voltage is specified for a given input current – In this case the
maximum rated current at the highest measurement range.
2) Exceeding Absolute Maximum ratings may result in permanent damage to the meter.
Power Supply Characteristics
Min
Typ.
Max
Units
Operating Supply Voltage
9
32
V
Absolute Maximum Supply Voltage
-1
34
V
Operating Supply Current
12V supply
37
mA
24V supply
25
mA
Display & User Interface
Display Type & Size
3-1/2 digit 7-Segment, 11.4mm (0.45 in.) high
21 segment Curved Bargraph
Display Color
Red (625nm)
Decimal Point Selection
Automatic
Out-of-range Indication
Flashing Display
Measurement Range Selection
DIP switch selectable (8 ranges)
Display Intensity Control
DIP switch selectable (4 ranges)
Terminal Blocks
Wire Size
14-24 AWG
Insulation Strip Length
6mm (0.24 in.)
Screw Tightening Torque
0.4 N-m (3.5 lb.-in)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com