Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMR35-DCV1-DC1-R Datasheet (PDF) - Murata Power Solutions Inc.

DMR35-DCV1-DC1-R Datasheet PDF - Murata Power Solutions Inc.
Part # DMR35-DCV1-DC1-R
Download  DMR35-DCV1-DC1-R Download
File Size   1263.06 Kbytes
Page   8 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Precision DC Voltmeter

DMR35-DCV1-DC1-R Datasheet (PDF)

Go To PDF Page Download Datasheet
DMR35-DCV1-DC1-R Datasheet PDF - Murata Power Solutions Inc.

Part # DMR35-DCV1-DC1-R
Download  DMR35-DCV1-DC1-R Click to download

File Size   1263.06 Kbytes
Page   8 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Precision DC Voltmeter

DMR35-DCV1-DC1-R Datasheet (HTML) - Murata Power Solutions Inc.


DMR35-DCV1-DC1-R Product details

Bright, easily readable LED display
Up to 3-1/2 digit measurements
Bar-graph display scale
0.8% measurement accuracy
1 Megohm input impedance
Selectable voltage measurement ranges
Unipolar/ Bipolar measurement options
User-adjustable display brightness
Mechanical drop-in replacement forcommon analog-movement meters
Operates from 9 to 32 VDC
Low current consumption, 37 mA typicalat 12VDC
RoHS Compliant
Two year warranty




Similar Part No. - DMR35-DCV1-DC1-R

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMR35-DCA MURATA-PS-DMR35-DCA Datasheet
1Mb / 8P
Precision DC Shunt Ammeter
2021
DMR35-DCA1-DC1-R MURATA-PS-DMR35-DCA1-DC1-R Datasheet
1Mb / 8P
Precision DC Shunt Ammeter
2021
DMR35-DCA2-DC1-R MURATA-PS-DMR35-DCA2-DC1-R Datasheet
1Mb / 8P
Precision DC Shunt Ammeter
2021
DMR35-DCMA1-DC1-R MURATA-PS-DMR35-DCMA1-DC1-R Datasheet
1Mb / 8P
DMR35 DC Micro and Milli-ammeters
2021
DMR35-DCMA2-DC1-R MURATA-PS-DMR35-DCMA2-DC1-R Datasheet
1Mb / 8P
DMR35 DC Micro and Milli-ammeters
2021
More results


Similar Description - DMR35-DCV1-DC1-R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M16C26A-V RENESAS-M16C26A-V Datasheet
510Kb / 15P
Sample Program (Voltmeter)
logo
List of Unclassifed Man...
Q2000-AVR4 ETC2-Q2000-AVR4 Datasheet
112Kb / 2P
DC Voltmeter, Ammeter, Indicator/ Controller
logo
Asahikeiki Co.,Ltd.
AP-310 ASAHI-AP-310 Datasheet
48Kb / 1P
DC VOLTMETER & AMMETER
logo
SELEC Controls Pvt. Ltd
MV15 SELEC-MV15 Datasheet
454Kb / 2P
Digital Voltmeter
MV305 SELEC-MV305 Datasheet
349Kb / 1P
Digital Voltmeter
MV507 SELEC-MV507 Datasheet
393Kb / 1P
Digital Voltmeter
MV2307 SELEC-MV2307 Datasheet
407Kb / 1P
Digital Voltmeter
logo
Carlo Gavazzi Holding A...
LDI3AV6D CARLOGAVAZZI-LDI3AV6D Datasheet
54Kb / 2P
Panel Meters and Controllers DC Ammeter and Voltmeter
logo
NHP Electrical Engineer...
RQ48E-VAC-300V NHP-RQ48E-VAC-300V Datasheet
996Kb / 3P
VOLTMETER 300V AC
11 October 2022,
RQ96EVAC300V NHP-RQ96EVAC300V Datasheet
996Kb / 3P
VOLTMETER 300V AC
11 October 2022,
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com