Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS54KB20 Datasheet (PDF) - Texas Instruments

TPS54KB20 Datasheet PDF - Texas Instruments
Part # TPS54KB20
Download  TPS54KB20 Download
File Size   2937.05 Kbytes
Page   51 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS54KB2x 4V to 16V Input, 25A, Remote Sense, D-CAP4 Synchronous Buck Converter

TPS54KB20 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS54KB20 Datasheet PDF - Texas Instruments

Part # TPS54KB20
Download  TPS54KB20 Click to download

File Size   2937.05 Kbytes
Page   51 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS54KB2x 4V to 16V Input, 25A, Remote Sense, D-CAP4 Synchronous Buck Converter

TPS54KB20 Datasheet (HTML) - Texas Instruments


TPS54KB20 Product details

1 Features
• 4V to 16V input voltage range
• 3.1V to 5.3V external VCC bias support
• 5.8mΩ and 2.3mΩ MOSFETs
• 25A continuous output current
• Optimized 16-pin WQFN-HR package for efficiency
and thermal performance
• ±0.5% reference (VREF) for TJ = –40°C to +125°C
• VREF to 5.5V output voltage range
• Differential remote sense
• D-CAP4 with ultra-fast load-step response
• Supports all ceramic output capacitors
• Selectable Auto-skip Eco-mode for high light-load
efficiency
• Programmable current limit with RILIM
• Selectable switching frequency:
800kHz, 1.1MHz, 1.4MHz
• Programmable soft-start time
• Prebiased start-up capability
• Open-drain power-good output
• Valley overcurrent limit protection
• Overvoltage and undervoltage fault protection
• Pin compatible with 30A TPS54KC23

2 Applications
• Rack server and blade server
• Hardware accelerator and add-in cards
• Data center switches
• Industrial PC
• Baseband unit (BBU)

3 Description
The TPS54KB2x device is a small, high-efficiency,
synchronous buck converter with an adaptive ontime
D-CAP4 control mode. The control method
provides low minimum on-time and fast load-transient
response across the entire output voltage range
without requiring an external compensation network.
Because external compensation is not required, the
device is easy to use and requires few external
components. The device is well-designed for spaceconstrained
data center applications.
The TPS54KB2x device has differential remote sense,
high-performance integrated MOSFETs, and an
accurate ±0.5% reference over the specified operating
junction temperature range. The device features
accurate load regulation and line regulation, Ecomode
or FCCM operation, programmable settings
through the MSEL pin and programmable soft start.
The TPS54KB2x device is a lead-free device. The
device is RoHS compliant without exemption.




Similar Part No. - TPS54KB20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54KB20 TI-TPS54KB20 Datasheet
1Mb / 34P
TPS54KB2x 4-V to 16-V Input, 25-A, Remote Sense, D-CAP4 Synchronous Buck Converter
MAY 2023
More results


Similar Description - TPS54KB20

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5421 ONSEMI-CS5421 Datasheet
298Kb / 14P
Dual Out?뭥f?뭁hase Synchronous Buck Controller with Remote Sense
July, 2006 ??Rev. 10
logo
Rohm
BD9V101MUF-LB ROHM-BD9V101MUF-LB Datasheet
3Mb / 43P
16V to 60V, 1A 1ch 2.1MHz Synchronous Buck Converter Integrated FET
logo
Texas Instruments
TPS542A50 TI-TPS542A50 Datasheet
3Mb / 39P
TPS542A50 4-V to 18-V Input, 15-A, Synchronous Buck Converter With Differential Remote Sense and I2C
TPS542A52 TI-TPS542A52 Datasheet
3Mb / 33P
TPS542A52 4-V to 18-V Input, 15-A, Synchronous Buck Converter With Differential Remote Sense
logo
Diodes Incorporated
AP62600 DIODES-AP62600 Datasheet
2Mb / 26P
4.5V TO 18V INPUT, 6A SYNCHRONOUS BUCK CONVERTER
June 2022
AP62800 DIODES-AP62800 Datasheet
1Mb / 26P
4.5V TO 17V INPUT, 8A SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 November 2022
logo
Texas Instruments
TPS548C26 TI-TPS548C26 Datasheet
2Mb / 39P
TPS548C26 4-V to 16-V Input, 35-A Synchronous Buck Converter with Differential Remote Sense
MARCH 2023
logo
Diodes Incorporated
AP62500 DIODES-AP62500 Datasheet
2Mb / 27P
4.5V TO 18V INPUT, 5A SYNCHRONOUS BUCK CONVERTER
November 2022 Rev. 1 - 2
logo
Texas Instruments
TPS54KB20 TI-TPS54KB20 Datasheet
1Mb / 34P
TPS54KB2x 4-V to 16-V Input, 25-A, Remote Sense, D-CAP4 Synchronous Buck Converter
MAY 2023
TPS548D26 TI1-TPS548D26 Datasheet
3Mb / 35P
TPS548D26 4-V to 16-V Input, 40-A Synchronous Buck Converter With Differential Remote Sense
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com