Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82482-B Datasheet (PDF) - EPCOS

B82482-B Datasheet PDF - EPCOS
Part # B82482-B
Download  B82482-B Download
File Size   108.95 Kbytes
Page   10 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Rated impedance 30 to 2000 W Rated current 0,1 to 0,5 A

B82482-B Datasheet (PDF)

Go To PDF Page Download Datasheet
B82482-B Datasheet PDF - EPCOS

Part # B82482-B
Download  B82482-B Click to download

File Size   108.95 Kbytes
Page   10 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Rated impedance 30 to 2000 W Rated current 0,1 to 0,5 A

B82482-B Datasheet (HTML) - EPCOS


B82482-B Product details

Rated impedance 30 to 2000 Ω

Rated current 0,1 to 0,5 A



Construction

■ Size 0603 to 1210 (EIA) or 1608 to 3225 (IEC)

■ Multilayer technology with ferrite



Features

■ Broadband attenuation

■ Suitable for reflow (IR and vapor phase) and wave soldering



Applications

Prevention of high-frequency EMI in

■ computers, printers

■ VCRs, TVs

■ cordless phones

■ mobile phones



Terminals

■ Tinned

■ Ni intermediate layer




Similar Part No. - B82482-B

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82482-A2 EPCOS-B82482-A2 Datasheet
74Kb / 6P
SMT Ferrite Beads
B82482-A3 EPCOS-B82482-A3 Datasheet
76Kb / 6P
Rated impedance 60 to 1000 W Rated current 0,05 to 1 A
B82482-A3102-A EPCOS-B82482-A3102-A Datasheet
76Kb / 6P
Rated impedance 60 to 1000 W Rated current 0,05 to 1 A
B82482-A3121-A EPCOS-B82482-A3121-A Datasheet
76Kb / 6P
Rated impedance 60 to 1000 W Rated current 0,05 to 1 A
B82482-A3221-A EPCOS-B82482-A3221-A Datasheet
76Kb / 6P
Rated impedance 60 to 1000 W Rated current 0,05 to 1 A
More results


Similar Description - B82482-B

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82476-A1103-M EPCOS-B82476-A1103-M Datasheet
58Kb / 3P
Rated inductance 10 to 1000 mH Rated current 300 to 3800 mA
B82478-A1103-M EPCOS-B82478-A1103-M_1 Datasheet
59Kb / 3P
Rated inductance 10 to 1000 mH Rated current 400 to 3500 mA
B84110-A EPCOS-B84110-A Datasheet
104Kb / 5P
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 0,5 A to 6 A
B82500 EPCOS-B82500 Datasheet
57Kb / 3P
VHF chokes with ferrite core Rated voltage 250 V dc/ac Rated current 0,2 to 2 A Rated inductance 120 to 3900 mH
B82482-A3 EPCOS-B82482-A3 Datasheet
76Kb / 6P
Rated impedance 60 to 1000 W Rated current 0,05 to 1 A
logo
Texas Instruments
PT6510 TI1-PT6510_08 Datasheet
227Kb / 11P
8-A Rated Output Current
logo
Wurth Elektronik GmbH &...
74406032220 WURTH-74406032220 Datasheet
323Kb / 5P
Rated Current
744835021220 WURTH-744835021220 Datasheet
444Kb / 5P
Rated Current
744835034160 WURTH-744835034160 Datasheet
369Kb / 5P
Rated Current
logo
FOTEK CONTROLS CO., LTD...
ASR-F-40DA FOTEK-ASR-F-40DA Datasheet
1Mb / 3P
Rated current corresponding to Resistive load
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com