Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS6 Datasheet (PDF) - Apex Electronics Co., Ltd

DS6 Datasheet PDF - Apex Electronics Co., Ltd
Part # DS6
Download  DS6 Download
File Size   627.0 Kbytes
Page   3 Pages
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd
Description 4.2*3.6mm detector switch, SMT, normal close or open

DS6 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS6 Datasheet PDF - Apex Electronics Co., Ltd

Part # DS6
Download  DS6 Click to download

File Size   627.0 Kbytes
Page   3 Pages
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd
Description 4.2*3.6mm detector switch, SMT, normal close or open

DS6 Datasheet (HTML) - Apex Electronics Co., Ltd


DS6 Product details

Miniature package for space saving
Normal close or open
Top actuated
RoHS Compliant
Product Features




Similar Part No. - DS6

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS60 DALLAS-DS60 Datasheet
56Kb / 4P
Micro-Centigrade Temperature Sensor
logo
Lumileds Lighting Compa...
DS60 LUMILEDS-DS60 Datasheet
655Kb / 26P
power LED
logo
Maxim Integrated Produc...
DS60 MAXIM-DS60 Datasheet
58Kb / 2P
Analog Temperature Sensor
100906
logo
SICK AG
DS60-N11121 SICK-DS60-N11121 Datasheet
645Kb / 5P
MID RANGE DISTANCE SENSORS
2016-03-17
DS60-N21111 SICK-DS60-N21111 Datasheet
655Kb / 6P
MID RANGE DISTANCE SENSORS
2016-03-17
More results


Similar Description - DS6

ManufacturerPart #DatasheetDescription
logo
Reed Relays and Electro...
MC-1425-15-18 RRE-MC-1425-15-18 Datasheet
102Kb / 1P
Miniature Close Differential Reed Switch
logo
SUYIN USA, INC.
010163FB SUYIN-USA-010163FB Datasheet
150Kb / 1P
2 in 1 EARPHONE. DC JACK WITH SWITCH NORMAL CLOSE TYPE
010164FR SUYIN-USA-010164FR Datasheet
164Kb / 1P
3.5mm EARPHONE JACK (NORMAL CLOSE TYPE)
010178FR SUYIN-USA-010178FR Datasheet
147Kb / 1P
3.5mm EARPHONE JACK (NORMAL CLOSE TYPE)
logo
Panasonic Semiconductor
TS-15A PANASONIC-TS-15A Datasheet
66Kb / 1P
Normally Open, Close on tempertature rise
logo
Abracon Corporation
AXS-3225-04-05 ABRACON-AXS-3225-04-05 Datasheet
418Kb / 1P
Clam shell design for easy open and close
07.10.09
logo
SHINMEI ELECTRIC CO., L...
LSB-1112A SHINMEI-LSB-1112A Datasheet
83Kb / 2P
Normally close type leaf switch
logo
Advantech Co., Ltd.
BB-WCHMS ADVANTECH-BB-WCHMS Datasheet
382Kb / 1P
Door Open/Close Sensor Cable
logo
Wurth Elektronik GmbH &...
461011442105 WURTH-461011442105 Datasheet
651Kb / 7P
WS-DESU SMT Detector Switch
001.002
logo
MultiDimension Technolo...
TMR7204 MULTIDIMENSION-TMR7204 Datasheet
623Kb / 4P
C Series Open close Current Transducer
V1.0a
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com