Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS60 Datasheet (PDF) - Dallas Semiconductor

DS60 Datasheet PDF - Dallas Semiconductor
Part # DS60
Download  DS60 Download
File Size   56.24 Kbytes
Page   4 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Micro-Centigrade Temperature Sensor

DS60 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS60 Datasheet PDF - Dallas Semiconductor

Part # DS60
Download  DS60 Click to download

File Size   56.24 Kbytes
Page   4 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Micro-Centigrade Temperature Sensor

DS60 Datasheet (HTML) - Dallas Semiconductor


DS60 Product details

DESCRIPTION
The DS60 Micro-Centigrade Temperature Sensor is a factory-calibrated voltage output Centigrade temperature sensor. The thermometer output has a typical sensitivity of +6.25mV/°C and a DC offset of +424 mV. The measurement range is -40°C to +125°C, corresponding to a typical output range of +174 mV to +1205 mV. Because the output voltage is positive for the entire temperature range, there is no need for a negative power supply. The accuracy of the analog output, taking into account amplifier nonlinearity, gain variations, and temperature sensor variations is ±2.0°C from 0°C to 85°C and within ±3.0°C over the full voltage and temperature range.

FEATURES
▪ Factory calibrated for sensitivity of +6.25mV/°C and accuracy of ±2.0°C
▪ Measurement range of -40°C to +125°C
▪ Ultra-low supply current
▪ Compact SOT-23 package
▪ Wide power supply range (2.7V ≤ VDD ≤ 5.5V)
▪ Functionally-compatible with LM60
▪ Applications include monitoring battery packs, disk drives, printers, office equipment or any space and power sensitive and temperature sensitive environments.




Similar Part No. - DS60

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS60 LUMILEDS-DS60 Datasheet
655Kb / 26P
power LED
logo
Maxim Integrated Produc...
DS60 MAXIM-DS60 Datasheet
58Kb / 2P
Analog Temperature Sensor
100906
logo
SICK AG
DS60-N11121 SICK-DS60-N11121 Datasheet
645Kb / 5P
MID RANGE DISTANCE SENSORS
2016-03-17
DS60-N21111 SICK-DS60-N21111 Datasheet
655Kb / 6P
MID RANGE DISTANCE SENSORS
2016-03-17
DS60-N21211 SICK-DS60-N21211 Datasheet
654Kb / 6P
MID RANGE DISTANCE SENSORS
2016-03-17
More results


Similar Description - DS60

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM35 NSC-LM35 Datasheet
306Kb / 13P
Precision Centigrade Temperature Sensors
LM50 NSC-LM50 Datasheet
176Kb / 7P
SOT-23 Single-Supply Centigrade Temperature Sensor
LM50B NSC-LM50B Datasheet
165Kb / 8P
SOT-23 Single-Supply Centigrade Temperature Sensor
LM50 NSC-LM50_06 Datasheet
603Kb / 9P
SOT-23 Single-Supply Centigrade Temperature Sensor
logo
Texas Instruments
LMT90 TI-LMT90 Datasheet
910Kb / 14P
LMT90 SOT-23 Single-Supply Centigrade Temperature Sensor
LMT90DBZR TI-LMT90DBZR Datasheet
886Kb / 14P
LMT90 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50-Q1 TI1-LM50-Q1_14 Datasheet
854Kb / 16P
SOT-23 Single-Supply Centigrade Temperature Sensor
LMT90 TI-LMT90_15 Datasheet
907Kb / 18P
LMT90 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50 TI-LM50_15 Datasheet
830Kb / 15P
SOT-23 Single-Supply Centigrade Temperature Sensor
logo
Alpha & Omega Semicondu...
AS35 AOSMD-AS35 Datasheet
512Kb / 7P
Precision Centigrade Tenperature Sensor
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com