Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS60 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS60
Description  Micro-Centigrade Temperature Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS60 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS60 Datasheet HTML 1Page - Dallas Semiconductor DS60 Datasheet HTML 2Page - Dallas Semiconductor DS60 Datasheet HTML 3Page - Dallas Semiconductor DS60 Datasheet HTML 4Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS60
2 of 4
102299
ABSOLUTE MAXIMUM RATINGS*
Voltage on VDD
GND -0.3V to +6.5V
Output Current
5.0 mA
Operating Temperature
-40°C to +125°C
Storage Temperature
-55°C to +150°C
ESD Susceptibility (Human Body Model)
2kV
Soldering Temperature (Note 2)
215°C for 60 seconds (Vapor Phase)
220°C for 15 seconds (IR)
*
This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
The Dallas Semiconductor DS60 is built to the highest quality standards and manufactured for long-term
reliability. All Dallas Semiconductor devices are made using the same quality materials and
manufacturing methods. However, the DS60 is not exposed to environmental stresses, such as burn-in,
that some industrial applications require. For specific reliability information on this product, please
contact the factory in Dallas at (972) 371–4448.
RECOMMENDED DC OPERATING CONDITIONS
(-40°C to +125°C; 2.7V
≤V
DD
≤5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VDD
2.7
5.5
V
1
DC ELECTRICAL CHARACTERISTICS:
Power Supply (Note 3)
(-40°C to +125°C; 2.7V
≤V
DD
≤5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
Supply Current
IDD
80
125
µA
DC ELECTRICAL CHARACTERISTICS:
Temperature Sensor and Voltage Output (Note 3)
(-40°C to +125°C; 2.7V
≤V
DD
≤5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
-40°C
≤T
A
≤125°C
±3
Thermometer Error
TERR
0°C
≤T
A
≤85°C
±2
°C
4
VO DC Offset
T = 0°C
424
mV
1
Sensor Gain
∆V/∆T
6.0
6.25
6.5
mV/°C
Nonlinearity
±0.8
°C
5
2.7V
≤V
DD
≤3.3V
±2.0
mV
Power Supply
Regulation
3.0V
≤V
DD
≤5.5V
±0.25
mV/V
Sensor Drift
±0.25
°C
6
Output Impedance
800
Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com