Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS60 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS60
Description  Micro-Centigrade Temperature Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS60 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS60 Datasheet HTML 1Page - Dallas Semiconductor DS60 Datasheet HTML 2Page - Dallas Semiconductor DS60 Datasheet HTML 3Page - Dallas Semiconductor DS60 Datasheet HTML 4Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DS60
4 of 4
102299
DS60 PHYSICAL DIMENSIONS
INCHES
LTR
MIN
MAX
A
0.030
0.040
A1
0.001
0.006
B
0.015
0.022
C
0.003
0.008
D
0.100
0.120
E
0.040
0.060
e
0.070
0.085
H
0.080
0.100
I
0.005
0.015
S
0.015
0.025
Θ
0°
8°
56-G2017-001
NOTES:
1. PACKAGE OUTLINE EXCLUSIVE OF ANY MOLD
FLASHES DIMENSION.
2. PACKAGE
OUTLINE
EXCLUSIVE
OF
BURR
DIMENSION.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com