Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS60 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS60
Description  Micro-Centigrade Temperature Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS60 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS60 Datasheet HTML 1Page - Dallas Semiconductor DS60 Datasheet HTML 2Page - Dallas Semiconductor DS60 Datasheet HTML 3Page - Dallas Semiconductor DS60 Datasheet HTML 4Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 of 4
102299
FEATURES
§ Factory calibrated for sensitivity of
+6.25mV/°C and accuracy of ±2.0°C
§ Measurement range of -40°C to +125°C
§ Ultra-low supply current
§ Compact SOT-23 package
§ Wide power supply range (2.7V
≤V
DD
≤
5.5V)
§ Functionally-compatible with LM60
§ Applications include monitoring battery
packs, disk drives, printers, office equipment
or any space and power sensitive and
temperature sensitive environments.
PIN ASSIGNMENT
PIN DESCRIPTION
VDD
- Power Supply Voltage (2.7V to 5.5V)
VO
- Sensor Output
GND
- Ground
DESCRIPTION
The DS60 Micro-Centigrade Temperature Sensor is a factory-calibrated voltage output Centigrade
temperature sensor. The thermometer output has a typical sensitivity of +6.25mV/°C and a DC offset of
+424 mV. The measurement range is -40°C to +125°C, corresponding to a typical output range of +174
mV to +1205 mV. Because the output voltage is positive for the entire temperature range, there is no need
for a negative power supply. The accuracy of the analog output, taking into account amplifier
nonlinearity, gain variations, and temperature sensor variations is ±2.0°C from 0°C to 85°C and within
±3.0°C over the full voltage and temperature range.
The power supply range of the DS60 is 2.7V to 5.5V. Its low current requirement of 125 µA and wide
supply range make it ideal in battery-powered applications. To further reduce power dissipation, the
DS60 can be switched to a zero power standby state by logic gate outputs capable of sourcing current of
this magnitude.
The small size of the SOT-23 package, wide power supply range, and ultra-low power dissipation allow
the DS60 to be used in thermal management applications that are currently limited to nonlinear
thermistors. These include battery packs, LCD displays, disk drives, power supplies, and appliances.
DS60
Micro-Centigrade Temperature Sensor
www.dalsemi.com
GND
VDD
VO
DS60R-TRL
3,000 PIECE SOT-23 REEL
PRELIMINARY


Similar Part No. - DS60

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS60 LUMILEDS-DS60 Datasheet
655Kb / 26P
power LED
logo
Maxim Integrated Produc...
DS60 MAXIM-DS60 Datasheet
58Kb / 2P
Analog Temperature Sensor
100906
logo
SICK AG
DS60-N11121 SICK-DS60-N11121 Datasheet
645Kb / 5P
MID RANGE DISTANCE SENSORS
2016-03-17
DS60-N21111 SICK-DS60-N21111 Datasheet
655Kb / 6P
MID RANGE DISTANCE SENSORS
2016-03-17
DS60-N21211 SICK-DS60-N21211 Datasheet
654Kb / 6P
MID RANGE DISTANCE SENSORS
2016-03-17
More results

Similar Description - DS60

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM35 NSC-LM35 Datasheet
306Kb / 13P
Precision Centigrade Temperature Sensors
LM50 NSC-LM50 Datasheet
176Kb / 7P
SOT-23 Single-Supply Centigrade Temperature Sensor
LM50B NSC-LM50B Datasheet
165Kb / 8P
SOT-23 Single-Supply Centigrade Temperature Sensor
LM50 NSC-LM50_06 Datasheet
603Kb / 9P
SOT-23 Single-Supply Centigrade Temperature Sensor
logo
Texas Instruments
LMT90 TI-LMT90 Datasheet
910Kb / 14P
LMT90 SOT-23 Single-Supply Centigrade Temperature Sensor
LMT90DBZR TI-LMT90DBZR Datasheet
886Kb / 14P
LMT90 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50-Q1 TI1-LM50-Q1_14 Datasheet
854Kb / 16P
SOT-23 Single-Supply Centigrade Temperature Sensor
LMT90 TI-LMT90_15 Datasheet
907Kb / 18P
LMT90 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50 TI-LM50_15 Datasheet
830Kb / 15P
SOT-23 Single-Supply Centigrade Temperature Sensor
logo
Alpha & Omega Semicondu...
AS35 AOSMD-AS35 Datasheet
512Kb / 7P
Precision Centigrade Tenperature Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com