Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS6 Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # DS6
Description  4.2*3.6mm detector switch, SMT, normal close or open
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

DS6 Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  DS6 Datasheet HTML 1Page - Apex Electronics Co., Ltd DS6 Datasheet HTML 2Page - Apex Electronics Co., Ltd DS6 Datasheet HTML 3Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2020 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
Operating Force
Operating Temperature Range
Actuation Life Cycle
Voltage Rating
Insulation Resistance
Dielectric Strength
Contact Resistance
50,000
1mA, 5VDC(max.); 100µA, 3VDC(min.)
100 MΩ min @ 100VDC
100 VAC for 1 minute
3Ω max.
Materials
Materials
Housing
Cover
Lever
Contact
Terminal
LCP with
glass fiber
Stainless
Steel
Nylon with
glass fiber
Stainless steel
with silver plating
Coppy alloy
with silver plating
Part Name
Material
Miniature package for space saving
Normal close or open
Top actuated
RoHS Compliant
Product Features
01
DS6 Series
-40°C ~ 85°C
4.2*3.6mm detector switch, SMT, normal close or open
Specification
35 gram max.
Part Number
DS6
Series
Terminal style
F Flat terminal
B Bent terminal
Supporting post
P supporting Post
N No post
Circuit style
C normal Close
O normal Open


Similar Part No. - DS6

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS60 DALLAS-DS60 Datasheet
56Kb / 4P
Micro-Centigrade Temperature Sensor
logo
Lumileds Lighting Compa...
DS60 LUMILEDS-DS60 Datasheet
655Kb / 26P
power LED
logo
Maxim Integrated Produc...
DS60 MAXIM-DS60 Datasheet
58Kb / 2P
Analog Temperature Sensor
100906
logo
SICK AG
DS60-N11121 SICK-DS60-N11121 Datasheet
645Kb / 5P
MID RANGE DISTANCE SENSORS
2016-03-17
DS60-N21111 SICK-DS60-N21111 Datasheet
655Kb / 6P
MID RANGE DISTANCE SENSORS
2016-03-17
More results

Similar Description - DS6

ManufacturerPart #DatasheetDescription
logo
Reed Relays and Electro...
MC-1425-15-18 RRE-MC-1425-15-18 Datasheet
102Kb / 1P
Miniature Close Differential Reed Switch
logo
SUYIN USA, INC.
010163FB SUYIN-USA-010163FB Datasheet
150Kb / 1P
2 in 1 EARPHONE. DC JACK WITH SWITCH NORMAL CLOSE TYPE
010164FR SUYIN-USA-010164FR Datasheet
164Kb / 1P
3.5mm EARPHONE JACK (NORMAL CLOSE TYPE)
010178FR SUYIN-USA-010178FR Datasheet
147Kb / 1P
3.5mm EARPHONE JACK (NORMAL CLOSE TYPE)
logo
Panasonic Semiconductor
TS-15A PANASONIC-TS-15A Datasheet
66Kb / 1P
Normally Open, Close on tempertature rise
logo
Abracon Corporation
AXS-3225-04-05 ABRACON-AXS-3225-04-05 Datasheet
418Kb / 1P
Clam shell design for easy open and close
07.10.09
logo
SHINMEI ELECTRIC CO., L...
LSB-1112A SHINMEI-LSB-1112A Datasheet
83Kb / 2P
Normally close type leaf switch
logo
Advantech Co., Ltd.
BB-WCHMS ADVANTECH-BB-WCHMS Datasheet
382Kb / 1P
Door Open/Close Sensor Cable
logo
Wurth Elektronik GmbH &...
461011442105 WURTH-461011442105 Datasheet
651Kb / 7P
WS-DESU SMT Detector Switch
001.002
logo
MultiDimension Technolo...
TMR7204 MULTIDIMENSION-TMR7204 Datasheet
623Kb / 4P
C Series Open close Current Transducer
V1.0a
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com