Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV08P10D2543 Datasheet (PDF) - Apex Electronics Co., Ltd

RV08P10D2543 Datasheet PDF - Apex Electronics Co., Ltd
Part # RV08P10D2543
Download  RV08P10D2543 Download
File Size   320.36 Kbytes
Page   2 Pages
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd
Description 8mm Rotary Potentiometer, insulated hollow shaft

RV08P10D2543 Datasheet (PDF)

Go To PDF Page Download Datasheet
RV08P10D2543 Datasheet PDF - Apex Electronics Co., Ltd

Part # RV08P10D2543
Download  RV08P10D2543 Click to download

File Size   320.36 Kbytes
Page   2 Pages
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd
Description 8mm Rotary Potentiometer, insulated hollow shaft

RV08P10D2543 Datasheet (HTML) - Apex Electronics Co., Ltd


RV08P10D2543 Product details

Features
Miniature 8mm diameter for space saving
Available for dual output
Hollow shaft with inner thread
Low-cost
Custom options available

Applications
Panel control that requires analog signal change via rotation. Popular
for applications in earphone, radio, or handheld devices




Similar Part No. - RV08P10D2543

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RV0805DK-07100KL YAGEO-RV0805DK-07100KL Datasheet
928Kb / 9P
HIGH VOLTAGE CHIP RESISTORS
RV0805DK-0710KL YAGEO-RV0805DK-0710KL Datasheet
928Kb / 9P
HIGH VOLTAGE CHIP RESISTORS
RV0805DK-0710ML YAGEO-RV0805DK-0710ML Datasheet
928Kb / 9P
HIGH VOLTAGE CHIP RESISTORS
RV0805DK-071ML YAGEO-RV0805DK-071ML Datasheet
928Kb / 9P
HIGH VOLTAGE CHIP RESISTORS
RV0805DK-0727ML YAGEO-RV0805DK-0727ML Datasheet
928Kb / 9P
HIGH VOLTAGE CHIP RESISTORS
More results


Similar Description - RV08P10D2543

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SRGA ALPS-SRGA Datasheet
161Kb / 4P
Hollow Shaft Type
SRGP ALPS-SRGP Datasheet
124Kb / 3P
Hollow Shaft Type
logo
Baumer IVO GmbH & Co. K...
HS35F IVO-HS35F Datasheet
1Mb / 8P
Insulated through hollow shaft 0.375...1 inch
logo
TT Electronics.
OPE1275H TTELEC-OPE1275H Datasheet
323Kb / 4P
Incremental Hollow Shaft Encoder
logo
TE Connectivity Ltd
2358691-1 TEC-2358691-1 Datasheet
189Kb / 2P
HOLLOW SHAFT RESOLVER
2367234-1 TEC-2367234-1 Datasheet
163Kb / 2P
HOLLOW SHAFT RESOLVER
2367237-1 TEC-2367237-1 Datasheet
138Kb / 2P
HOLLOW SHAFT RESOLVER
2360964-1 TEC-2360964-1 Datasheet
149Kb / 2P
HOLLOW SHAFT RESOLVER
logo
Bourns Electronic Solut...
PRS14R BOURNS-PRS14R Datasheet
672Kb / 4P
14 mm Rotary Plastic Shaft Dual-Potentiometer
PRS11R BOURNS-PRS11R Datasheet
766Kb / 4P
PRS11R - 11 mm Rotary Metal Shaft Potentiometer
Mar 31, 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com