Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3194 Datasheet (PDF) - Skyworks Solutions Inc.

AAT3194 Datasheet PDF - Skyworks Solutions Inc.
Part # AAT3194
Download  AAT3194 Download
File Size   1307.59 Kbytes
Page   12 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description High Efficiency 1.5X Fractional Charge Pump For White LED Applications

AAT3194 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT3194 Datasheet PDF - Skyworks Solutions Inc.

Part # AAT3194
Download  AAT3194 Click to download

File Size   1307.59 Kbytes
Page   12 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description High Efficiency 1.5X Fractional Charge Pump For White LED Applications

AAT3194 Datasheet (HTML) - Skyworks Solutions Inc.


AAT3194 Product details

Features
• VIN Range: 2.7V to 5.5V
• 20mA Full-Scale Current
• Simple Serial Control (S2Cwire) Interface
▪ 32-Position Logarithmic Scale with Digital Control
• Low Noise Constant Frequency Operation
• 33% Less Input Current Than Doubler Charge Pump
• High Accuracy Brightness Matching
• Small Application Circuit
• Regulated Output Current
• Automatic Soft Start
• No Inductors
• 600kHz Switching Frequency
• IQ <1μA in Shutdown
• Temperature Range: -40°C to 85°C
• 12-Pin TSOPJW Package




Similar Part No. - AAT3194

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3194 ANALOGICTECH-AAT3194 Datasheet
312Kb / 14P
High Efficiency 1.5X Fractional Charge Pump For White LED Applications
AAT3194 ANALOGICTECH-AAT3194 Datasheet
1Mb / 12P
High Efficiency 1.5X Fractional Charge Pump For White LED Applications
AAT3194ITP-20-T1 ANALOGICTECH-AAT3194ITP-20-T1 Datasheet
312Kb / 14P
High Efficiency 1.5X Fractional Charge Pump For White LED Applications
AAT3194ITP-20-T1 ANALOGICTECH-AAT3194ITP-20-T1 Datasheet
1Mb / 12P
High Efficiency 1.5X Fractional Charge Pump For White LED Applications
AAT3194 ANALOGICTECH-AAT3194_08 Datasheet
1Mb / 12P
High Efficiency 1.5X Fractional Charge Pump For White LED Applications
More results


Similar Description - AAT3194

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AAT3123 ETC-AAT3123 Datasheet
372Kb / 18P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3122 ANALOGICTECH-AAT3122 Datasheet
319Kb / 12P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3131 ANALOGICTECH-AAT3131 Datasheet
329Kb / 14P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3132 ANALOGICTECH-AAT3132 Datasheet
220Kb / 14P
High Efficiency 1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3122 AAT-AAT3122 Datasheet
262Kb / 12P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
3122.2005.11.1.3
logo
Advanced Analogic Techn...
AAT3123 ANALOGICTECH-AAT3123 Datasheet
321Kb / 18P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3131 AAT-AAT3131 Datasheet
275Kb / 14P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
3131.2005.12.1.2
logo
Advanced Analogic Techn...
AAT3134 ANALOGICTECH-AAT3134 Datasheet
273Kb / 13P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3194 ANALOGICTECH-AAT3194 Datasheet
312Kb / 14P
High Efficiency 1.5X Fractional Charge Pump For White LED Applications
AAT3194 ANALOGICTECH-AAT3194_08 Datasheet
1Mb / 12P
High Efficiency 1.5X Fractional Charge Pump For White LED Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com