Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FH2114 Datasheet (PDF) - Tyco Electronics

FH2114 Datasheet PDF - Tyco Electronics
Part # FH2114
Download  FH2114 Download
File Size   73.69 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description RF MOSFET Power Transistor, 75W, 24V 30-90 MHz

FH2114 Datasheet (PDF)

Go To PDF Page Download Datasheet
FH2114 Datasheet PDF - Tyco Electronics

Part # FH2114
Download  FH2114 Click to download

File Size   73.69 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description RF MOSFET Power Transistor, 75W, 24V 30-90 MHz

FH2114 Datasheet (HTML) - Tyco Electronics


FH2114 Product details

Features
• N-Channel Enhancement Mode Device
• Meets CECOM Drawing A3012711
• Designed for Frequency Hopping Systems
• 30-90 MHz
• Lower Capacitances for Broadband Operation
• Lower Noise Figure Than Bipolar Devices




Similar Part No. - FH2114

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
FH2114 MA-COM-FH2114 Datasheet
86Kb / 1P
RF Power MOSFET Transistor 75W, 30-90MHz, 24V
More results


Similar Description - FH2114

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20007 ERICSSON-PTB20007 Datasheet
47Kb / 3P
30 Watts, 935-960 MHz Cellular Radio RF Power Transistor
PTB20134 ERICSSON-PTB20134 Datasheet
42Kb / 2P
30 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20174 ERICSSON-PTB20174 Datasheet
563Kb / 4P
90 Watts, 1400-1600 MHz RF Power Transistor
logo
Tyco Electronics
FH2164 MACOM-FH2164 Datasheet
90Kb / 1P
RF MOSFET Power Transistor, 8W, 12V 30 - 90 MHz
logo
TriQuint Semiconductor
AGR19030EF TRIQUINT-AGR19030EF Datasheet
355Kb / 10P
30 W, 1930 MHz-1990 MHz, PCS LDMOS RF Power Transistor
AGR19090E TRIQUINT-AGR19090E Datasheet
395Kb / 10P
90 W, 1930 MHz-1990 MHz, PCS LDMOS RF Power Transistor
logo
M/A-COM Technology Solu...
FH2114 MA-COM-FH2114 Datasheet
86Kb / 1P
RF Power MOSFET Transistor 75W, 30-90MHz, 24V
FH2164 MA-COM-FH2164 Datasheet
85Kb / 1P
RF Power MOSFET Transistor 8W, 30-90MHz, 12V
logo
Delta Electronics, Inc.
PMC-24V075W1AA DELTA-PMC-24V075W1AA Datasheet
715Kb / 13P
24V 75W 1 Phase
logo
Weidmuller
2660200283 WEIDMULLER-2660200283 Datasheet
150Kb / 3P
PRO PM 75W 24V 3.2A
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com