Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FH2164 Datasheet (PDF) - Tyco Electronics

FH2164 Datasheet PDF - Tyco Electronics
Part # FH2164
Download  FH2164 Download
File Size   90.37 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description RF MOSFET Power Transistor, 8W, 12V 30 - 90 MHz

FH2164 Datasheet (PDF)

Go To PDF Page Download Datasheet
FH2164 Datasheet PDF - Tyco Electronics

Part # FH2164
Download  FH2164 Click to download

File Size   90.37 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description RF MOSFET Power Transistor, 8W, 12V 30 - 90 MHz

FH2164 Datasheet (HTML) - Tyco Electronics


FH2164 Product details

Features
• N-Channel Enhancement Mode Device
• Meets CECOM Drawing A3012715
• Designed for Frequency Hopping Systems
• 30-90MHz
• Lower Capacitances for Broadband Operation
• Lower Noise Figure Than Bipolar Devices




Similar Part No. - FH2164

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
FH2164 MA-COM-FH2164 Datasheet
85Kb / 1P
RF Power MOSFET Transistor 8W, 30-90MHz, 12V
More results


Similar Description - FH2164

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20174 ERICSSON-PTB20174 Datasheet
563Kb / 4P
90 Watts, 1400-1600 MHz RF Power Transistor
logo
Tyco Electronics
DU1215S MACOM-DU1215S Datasheet
202Kb / 3P
RF MOSFET Power Transistor, ISW, 12V 2 - 175 MHz
DU1260T MACOM-DU1260T Datasheet
197Kb / 3P
RF MOSFET Power Transistor, 6OW, 12V 2 - 175 MHz
DU1230S MACOM-DU1230S Datasheet
195Kb / 3P
RF MOSFET Power Transistor, 30W, 12V, 2 - 175 MHz
logo
Mitsubishi Electric Sem...
RD09MUP2 MITSUBISHI-RD09MUP2 Datasheet
152Kb / 7P
Silicon MOSFET Power Transistor, 520MHz, 8W
logo
Tyco Electronics
FH2114 MACOM-FH2114 Datasheet
73Kb / 1P
RF MOSFET Power Transistor, 75W, 24V 30-90 MHz
logo
M/A-COM Technology Solu...
DU1215S MA-COM-DU1215S Datasheet
166Kb / 3P
RF Power MOSFET Transistor 15W, 2-175MHz, 12V
DU1230S MA-COM-DU1230S Datasheet
160Kb / 3P
RF Power MOSFET Transistor 30W, 2-175MHz, 12V
DU1260T MA-COM-DU1260T Datasheet
156Kb / 3P
RF Power MOSFET Transistor 60W, 2-175MHz, 12V
FH2164 MA-COM-FH2164 Datasheet
85Kb / 1P
RF Power MOSFET Transistor 8W, 30-90MHz, 12V
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com