Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M222 Datasheet (PDF) - Tyco Electronics

M222 Datasheet PDF - Tyco Electronics
Part # M222
Download  M222 Download
File Size   120.45 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Surface Mount Double-Balance Mixer, 200 KHz - 200 MHz

M222 Datasheet (PDF)

Go To PDF Page Download Datasheet
M222 Datasheet PDF - Tyco Electronics

Part # M222
Download  M222 Click to download

File Size   120.45 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Surface Mount Double-Balance Mixer, 200 KHz - 200 MHz

M222 Datasheet (HTML) - Tyco Electronics




Similar Part No. - M222

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
M222 SSOUSA-M222 Datasheet
136Kb / 4P
1 Form B Solid State Relay
logo
Solid State Inc
M222 SOLIDSTATE-M222 Datasheet
170Kb / 5P
Ultra miniature 4-pin small outline package
logo
Solid State Optronic
M222 SSOUSA-M222_15 Datasheet
171Kb / 5P
Ultra miniature 4-pin small outline package
More results


Similar Description - M222

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-222 MACOM-DS-222 Datasheet
199Kb / 2P
Surface Mount Double-Balanced Mixer, 200 KHz - 200 MHz
EMRS-30 MACOM-EMRS-30 Datasheet
76Kb / 1P
E-Series Surface Mount Mixer 200 - 3000 MHz
M223 MACOM-M223 Datasheet
122Kb / 2P
Surface Mount Double-Balance Mixer, 10 KHz - 500 MHz
MAC-50 MACOM-MAC-50 Datasheet
121Kb / 3P
TO-5 Double-Balanced Mixer, 0.2 - 200 MHz
logo
M/A-COM Technology Solu...
MDS-222 MA-COM-MDS-222 Datasheet
64Kb / 2P
Surface Mount Double-Balanced Mixer, 200 KHz - 200 MHz
MAC-50 MA-COM-MAC-50 Datasheet
61Kb / 3P
TO-5 Double-Balanced Mixer, 0.2 - 200 MHz
logo
Micronetics, Inc.
NC501SM-12 MICRONETICS-NC501SM-12 Datasheet
263Kb / 2P
Surface Mount Noise Sources 200 kHz to 500 MHz
NC501SM-15 MICRONETICS-NC501SM-15 Datasheet
263Kb / 2P
Surface Mount Noise Sources 200 kHz to 500 MHz
NC501SM-28 MICRONETICS-NC501SM-28 Datasheet
263Kb / 2P
Surface Mount Noise Sources 200 kHz to 500 MHz
SMN7106-D1C MICRONETICS-SMN7106-D1C Datasheet
296Kb / 3P
Surface Mount Noise Sources 200 kHz to 12 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com