Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDS-222 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MDS-222 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MDS-222
Download  MDS-222 Download
File Size   64.75 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Surface Mount Double-Balanced Mixer, 200 KHz - 200 MHz

MDS-222 Datasheet (PDF)

Go To PDF Page Download Datasheet
MDS-222 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MDS-222
Download  MDS-222 Click to download

File Size   64.75 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Surface Mount Double-Balanced Mixer, 200 KHz - 200 MHz

MDS-222 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MDS-222 Product details

Description
Transformers convert the LO and RF paths to balanced lines connecting to a medium barrier, Schottky diode ring quad. These transformers help provide excellent isolation between ports. Conversion loss is low. The direct connection of the IF port to the diode quad allows these mixers to be used as phase detectors and bi-phase modulators.

Features
• Fully Hermetic Package
• Three Decade Coverage
• Impedance: 50 Ohms Nominal
• Maximum Input Power: 400 mW Max, Derated to 85°C @ 3.2 mW/°C
• X Port Current: 50 mA Max.
• MIL-STD-883 Screening Available




Similar Part No. - MDS-222

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MDS-222 MA-COM-MDS-222 Datasheet
64Kb / 2P
Surface Mount Double-Balanced Mixer
logo
Tyco Electronics
MDS-222PIN MACOM-MDS-222PIN Datasheet
199Kb / 2P
Surface Mount Double-Balanced Mixer, 200 KHz - 200 MHz
MDS-222PIN MACOM-MDS-222PIN Datasheet
120Kb / 2P
Surface Mount Double-Balance Mixer, 200 KHz - 200 MHz
logo
M/A-COM Technology Solu...
MDS-222 MA-COM-MDS-222_15 Datasheet
64Kb / 2P
Surface Mount Double-Balanced Mixer
More results


Similar Description - MDS-222

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-222 MACOM-DS-222 Datasheet
199Kb / 2P
Surface Mount Double-Balanced Mixer, 200 KHz - 200 MHz
MD-124 MACOM-MD-124 Datasheet
192Kb / 2P
Double-Balanced Mixer, 500 KHz - 500 MHz
M222 MACOM-M222 Datasheet
120Kb / 2P
Surface Mount Double-Balance Mixer, 200 KHz - 200 MHz
MAC-50 MACOM-MAC-50 Datasheet
121Kb / 3P
TO-5 Double-Balanced Mixer, 0.2 - 200 MHz
logo
M/A-COM Technology Solu...
MDS-223 MA-COM-MDS-223 Datasheet
66Kb / 2P
Surface Mount Double-Balanced Mixer, 10 - 500 MHz
MAC-50 MA-COM-MAC-50 Datasheet
61Kb / 3P
TO-5 Double-Balanced Mixer, 0.2 - 200 MHz
MDS-222 MA-COM-MDS-222 Datasheet
64Kb / 2P
Surface Mount Double-Balanced Mixer
MDS-223 MA-COM-MDS-223 Datasheet
66Kb / 2P
Surface Mount Double-Balanced Mixer
MDS-222 MA-COM-MDS-222_15 Datasheet
64Kb / 2P
Surface Mount Double-Balanced Mixer
MDS-223 MA-COM-MDS-223_15 Datasheet
66Kb / 2P
Surface Mount Double-Balanced Mixer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com