Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD-124 Datasheet (PDF) - Tyco Electronics

MD-124 Datasheet PDF - Tyco Electronics
Part # MD-124
Download  MD-124 Download
File Size   192.94 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Double-Balanced Mixer, 500 KHz - 500 MHz

MD-124 Datasheet (PDF)

Go To PDF Page Download Datasheet
MD-124 Datasheet PDF - Tyco Electronics

Part # MD-124
Download  MD-124 Click to download

File Size   192.94 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Double-Balanced Mixer, 500 KHz - 500 MHz

MD-124 Datasheet (HTML) - Tyco Electronics


MD-124 Product details

Description
Transformers convert to the LO and RF paths to balanced lines connecting a low barrier, Schottky diode ring quad. These transformers help provide excellent isolation between ports. Conversion loss is low. The direct connection of the IF port to the diode quad allows these mixers to be used as phase detectors and bi-phase modulators.

Features
■ Usable down to 200 KHz
■ Conversion Loss: 6.5 dB Typical
■ Impedance: 50 Ohms Nominal
■ Maximum Input Power: 300 mW max. @ 25°C, Derated to 85°C @ 3.2 mW/°C
■ IF Port Current: 50 mA Max.
■ MIL-STD-883 Screening Available




Similar Part No. - MD-124

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD-123 MACOM-MD-123 Datasheet
167Kb / 3P
Double-Balanced Mixer, 10Mhz - 3 GHz
logo
M/A-COM Technology Solu...
MD-123 MA-COM-MD-123 Datasheet
100Kb / 3P
Double-Balanced Mixer, 10 MHz - 3 GHz
MD-123 MA-COM-MD-123 Datasheet
100Kb / 3P
Double-Balanced Mixer
logo
Tyco Electronics
MD-123PIN MACOM-MD-123PIN Datasheet
167Kb / 3P
Double-Balanced Mixer, 10Mhz - 3 GHz
logo
M/A-COM Technology Solu...
MD-123 MA-COM-MD-123_15 Datasheet
100Kb / 3P
Double-Balanced Mixer
More results


Similar Description - MD-124

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-222 MACOM-DS-222 Datasheet
199Kb / 2P
Surface Mount Double-Balanced Mixer, 200 KHz - 200 MHz
MD-108 MACOM-MD-108 Datasheet
200Kb / 2P
Double-Balanced Mixer, 5 - 500 MHz
MD20-0016-S MACOM-MD20-0016-S Datasheet
21Kb / 1P
Double Balanced Mixer 0.5 - 500 MHz
logo
SIRENZA MICRODEVICES
CM-1H8 SIRENZA-CM-1H8 Datasheet
137Kb / 2P
Miniature High Level Double Balanced Mixer 5-500 MHz
logo
Tyco Electronics
M223 MACOM-M223 Datasheet
122Kb / 2P
Surface Mount Double-Balance Mixer, 10 KHz - 500 MHz
MAC-51 MACOM-MAC-51 Datasheet
120Kb / 3P
TO-5 Double-Balanced Mixer, 5 - 500 MHz
logo
M/A-COM Technology Solu...
MD-108 MA-COM-MD-108 Datasheet
63Kb / 3P
Double-Balanced Mixer, 5 - 500 MHz
MDS-222 MA-COM-MDS-222 Datasheet
64Kb / 2P
Surface Mount Double-Balanced Mixer, 200 KHz - 200 MHz
MDS-223 MA-COM-MDS-223 Datasheet
66Kb / 2P
Surface Mount Double-Balanced Mixer, 10 - 500 MHz
MAC-51 MA-COM-MAC-51 Datasheet
60Kb / 3P
TO-5 Double-Balanced Mixer, 5 - 500 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com