Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDS-223 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MDS-223 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MDS-223
Download  MDS-223 Download
File Size   66.52 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Surface Mount Double-Balanced Mixer, 10 - 500 MHz

MDS-223 Datasheet (PDF)

Go To PDF Page Download Datasheet
MDS-223 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MDS-223
Download  MDS-223 Click to download

File Size   66.52 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Surface Mount Double-Balanced Mixer, 10 - 500 MHz

MDS-223 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MDS-223 Product details

Description
Transformers convert the LO and RF paths to balanced lines connecting to a medium barrier, Schottky diode ring quad. These transformers help provide excellent isolation between ports. Conversion loss is low. The direct connection of the IF port to the diode quad allows these mixers to be used as phase detectors and bi-phase modulators.

Features
• Fully Hermetic Package
• Low Cost
• Conversion Loss: 7 dB Typical Midband
• Impedance: 50 Ohms Nominal
• Maximum Input Power: 400 mW Max, Derated to 85°C @ 3.2 mW/°C
• X Port Current: 50 mA Max.
• MIL-STD-883 Screening Available




Similar Part No. - MDS-223

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MDS-223 MA-COM-MDS-223 Datasheet
66Kb / 2P
Surface Mount Double-Balanced Mixer
logo
Tyco Electronics
MDS-223PIN MACOM-MDS-223PIN Datasheet
122Kb / 2P
Surface Mount Double-Balance Mixer, 10 KHz - 500 MHz
logo
M/A-COM Technology Solu...
MDS-223 MA-COM-MDS-223_15 Datasheet
66Kb / 2P
Surface Mount Double-Balanced Mixer
More results


Similar Description - MDS-223

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD-108 MACOM-MD-108 Datasheet
200Kb / 2P
Double-Balanced Mixer, 5 - 500 MHz
MD-124 MACOM-MD-124 Datasheet
192Kb / 2P
Double-Balanced Mixer, 500 KHz - 500 MHz
MD20-0016-S MACOM-MD20-0016-S Datasheet
21Kb / 1P
Double Balanced Mixer 0.5 - 500 MHz
MDS-148 MACOM-MDS-148 Datasheet
217Kb / 3P
Double-Balanced Mixer, 10 - 1500 MHz
M223 MACOM-M223 Datasheet
122Kb / 2P
Surface Mount Double-Balance Mixer, 10 KHz - 500 MHz
MD-M149 MACOM-MD-M149 Datasheet
134Kb / 3P
Double-Balanced Mixer, 10 - 1500 MHz
logo
M/A-COM Technology Solu...
MD-108 MA-COM-MD-108 Datasheet
63Kb / 3P
Double-Balanced Mixer, 5 - 500 MHz
MD-149 MA-COM-MD-149 Datasheet
75Kb / 3P
Double-Balanced Mixer, 10 - 1500 MHz
MDS-223 MA-COM-MDS-223 Datasheet
66Kb / 2P
Surface Mount Double-Balanced Mixer
MDS-223 MA-COM-MDS-223_15 Datasheet
66Kb / 2P
Surface Mount Double-Balanced Mixer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com