Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M223 Datasheet (PDF) - Tyco Electronics

M223 Datasheet PDF - Tyco Electronics
Part # M223
Download  M223 Download
File Size   122.36 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Surface Mount Double-Balance Mixer, 10 KHz - 500 MHz

M223 Datasheet (PDF)

Go To PDF Page Download Datasheet
M223 Datasheet PDF - Tyco Electronics

Part # M223
Download  M223 Click to download

File Size   122.36 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Surface Mount Double-Balance Mixer, 10 KHz - 500 MHz

M223 Datasheet (HTML) - Tyco Electronics




Similar Part No. - M223

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M223FAN MTRONPTI-M223FAN Datasheet
283Kb / 2P
5x7 mm, 3.3 Volt, HCMOS/TTL Compatible Output, Clock Oscillator
M223FAN MTRONPTI-M223FAN Datasheet
456Kb / 2P
5x7 mm, 3.3 Volt, HCMOS/TTL Compatible Output, Clock Oscillator
M223FCN MTRONPTI-M223FCN Datasheet
283Kb / 2P
5x7 mm, 3.3 Volt, HCMOS/TTL Compatible Output, Clock Oscillator
M223FCN MTRONPTI-M223FCN Datasheet
456Kb / 2P
5x7 mm, 3.3 Volt, HCMOS/TTL Compatible Output, Clock Oscillator
M223FGN MTRONPTI-M223FGN Datasheet
283Kb / 2P
5x7 mm, 3.3 Volt, HCMOS/TTL Compatible Output, Clock Oscillator
More results


Similar Description - M223

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-222 MACOM-DS-222 Datasheet
199Kb / 2P
Surface Mount Double-Balanced Mixer, 200 KHz - 200 MHz
MD-108 MACOM-MD-108 Datasheet
200Kb / 2P
Double-Balanced Mixer, 5 - 500 MHz
MD-124 MACOM-MD-124 Datasheet
192Kb / 2P
Double-Balanced Mixer, 500 KHz - 500 MHz
MD20-0016-S MACOM-MD20-0016-S Datasheet
21Kb / 1P
Double Balanced Mixer 0.5 - 500 MHz
M222 MACOM-M222 Datasheet
120Kb / 2P
Surface Mount Double-Balance Mixer, 200 KHz - 200 MHz
logo
M/A-COM Technology Solu...
MD-108 MA-COM-MD-108 Datasheet
63Kb / 3P
Double-Balanced Mixer, 5 - 500 MHz
MDS-222 MA-COM-MDS-222 Datasheet
64Kb / 2P
Surface Mount Double-Balanced Mixer, 200 KHz - 200 MHz
MDS-223 MA-COM-MDS-223 Datasheet
66Kb / 2P
Surface Mount Double-Balanced Mixer, 10 - 500 MHz
logo
American Accurate Compo...
DBM2109 AAC-DBM2109 Datasheet
129Kb / 2P
RF Mixer Double Balance SMD
logo
BOWEI Integrated Circui...
MDB-01 BOWEI-MDB-01 Datasheet
130Kb / 1P
Broadband Double-balance Mixer
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com