Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2564L-R Datasheet (PDF) - Skyworks Solutions Inc.

SE2564L-R Datasheet PDF - Skyworks Solutions Inc.
Part # SE2564L-R
Download  SE2564L-R Download
File Size   543.26 Kbytes
Page   12 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 2.4 GHz High Efficiency Wireless LAN Front-End

SE2564L-R Datasheet (PDF)

Go To PDF Page Download Datasheet
SE2564L-R Datasheet PDF - Skyworks Solutions Inc.

Part # SE2564L-R
Download  SE2564L-R Click to download

File Size   543.26 Kbytes
Page   12 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 2.4 GHz High Efficiency Wireless LAN Front-End

SE2564L-R Datasheet (HTML) - Skyworks Solutions Inc.


SE2564L-R Product details

Features
 Dual Mode IEEE802.11b, IEEE802.11g, IEEE802.11n
 Integrated PA, TX Filter, Diversity switch
 Integrated Positive Slope Power Detector
 20 dBm Output Power, 802.11b, 11 Mbits
 17 dBm @ 3.0 % EVM, 802.11g, 3.3V
 Lead free, halogen free and RoHS compliant
 Small plated package, 3 mm x 4 mm x 0.9 mm, MSL 1




Similar Part No. - SE2564L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2564L-R SIGE-SE2564L-R Datasheet
142Kb / 2P
2.4 GHz High Efficiency Wireless LAN Front End Product Preview
More results


Similar Description - SE2564L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2521A60 SIGE-SE2521A60 Datasheet
451Kb / 16P
RangeCharger??2.4 GHz Wireless LAN Front End
SE2521A80 SIGE-SE2521A80 Datasheet
105Kb / 2P
2.4 GHz Wireless LAN Front End Preliminary
SE2559L20 SIGE-SE2559L20 Datasheet
105Kb / 2P
2.4 GHz High Efficiency Wireless LAN Front End Preliminary
SE2564L SIGE-SE2564L Datasheet
142Kb / 2P
2.4 GHz High Efficiency Wireless LAN Front End Product Preview
SE2568U SIGE-SE2568U Datasheet
109Kb / 2P
2.4 GHz High Efficiency Wireless LAN PA Preliminary
SE2571U SIGE-SE2571U Datasheet
166Kb / 2P
2.4 GHz High Efficiency Wireless LAN/BT Front End Preliminary
SE2579U SIGE-SE2579U Datasheet
165Kb / 2P
2.4 GHz High Efficiency Wireless LAN/BT Front End
logo
Skyworks Solutions Inc.
SE2620T SKYWORKS-SE2620T Datasheet
273Kb / 13P
2.4 GHz Wireless LAN/BT Front End Preliminary
logo
Microchip Technology
SST12LF09 MICROCHIP-SST12LF09 Datasheet
364Kb / 15P
2.4 GHz High-Gain, High-Efficiency Front-end Module
2013
logo
Skyworks Solutions Inc.
SE2620T-DS SKYWORKS-SE2620T-DS Datasheet
273Kb / 13P
SE2620T: 2.4 GHz Wireless LAN/BT Front End Preliminary
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com