Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2564L-R Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SE2564L-R
Description  2.4 GHz High Efficiency Wireless LAN Front-End
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2564L-R Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SE2564L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2564L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2564L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2564L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2564L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2564L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2564L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2564L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2564L-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA SHEET
SE2564L: 2.4 GHz High Efficiency Wireless LAN Front-End
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202423A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
1
Applications
IEEE802.11b DSSS WLAN
IEEE802.11g,n OFDM WLAN
Access Points, PCMCIA, PC cards
Features
Dual Mode IEEE802.11b, IEEE802.11g,
IEEE802.11n
Integrated PA, TX Filter, Diversity switch
Integrated Positive Slope Power Detector
20 dBm Output Power, 802.11b, 11 Mbits
17 dBm @ 3.0 % EVM, 802.11g, 3.3V
Lead free, halogen free and RoHS compliant
Small plated package, 3 mm x 4 mm x 0.9 mm,
MSL 1
Ordering Information
Part No.
Package
Remark
SE2564L
24 pin QFN
Samples
SE2564L-R
24 pin QFN
Tape & Reel
SE2564L-EK1
N/A
Evaluation kit
Product Description
The SE2564L is a complete 802.11bgn WLAN RF
front-end module providing all the functionality of the
power amplifier, power detector, diversity switch and
50 ohm matching on all RF ports. The SE2564L
provides a complete 2.4 GHz WLAN RF solution from
the output of the transceiver to the antennas in an
ultra compact form factor.
The SE2564L is designed for ease of use, with all the
critical matching and harmonic filtering and integrated
transmit/receive
DPDT switch
providing
a
50
Ω
interface to the antenna. The SE2564L also includes
a transmitter power detector with 20 dB of dynamic
range and a digital enable control for transmitter
power ramp on/off control. The power ramp rise/fall
time is 0.5
μs typical.
Functional Block Diagram
Figure 1: Functional Block Diagram


Similar Part No. - SE2564L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2564L-R SIGE-SE2564L-R Datasheet
142Kb / 2P
2.4 GHz High Efficiency Wireless LAN Front End Product Preview
More results

Similar Description - SE2564L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2521A60 SIGE-SE2521A60 Datasheet
451Kb / 16P
RangeCharger??2.4 GHz Wireless LAN Front End
SE2521A80 SIGE-SE2521A80 Datasheet
105Kb / 2P
2.4 GHz Wireless LAN Front End Preliminary
SE2559L20 SIGE-SE2559L20 Datasheet
105Kb / 2P
2.4 GHz High Efficiency Wireless LAN Front End Preliminary
SE2564L SIGE-SE2564L Datasheet
142Kb / 2P
2.4 GHz High Efficiency Wireless LAN Front End Product Preview
SE2568U SIGE-SE2568U Datasheet
109Kb / 2P
2.4 GHz High Efficiency Wireless LAN PA Preliminary
SE2571U SIGE-SE2571U Datasheet
166Kb / 2P
2.4 GHz High Efficiency Wireless LAN/BT Front End Preliminary
SE2579U SIGE-SE2579U Datasheet
165Kb / 2P
2.4 GHz High Efficiency Wireless LAN/BT Front End
logo
Skyworks Solutions Inc.
SE2620T SKYWORKS-SE2620T Datasheet
273Kb / 13P
2.4 GHz Wireless LAN/BT Front End Preliminary
logo
Microchip Technology
SST12LF09 MICROCHIP-SST12LF09 Datasheet
364Kb / 15P
2.4 GHz High-Gain, High-Efficiency Front-end Module
2013
logo
Skyworks Solutions Inc.
SE2620T-DS SKYWORKS-SE2620T-DS Datasheet
273Kb / 13P
SE2620T: 2.4 GHz Wireless LAN/BT Front End Preliminary
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com